Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104L-BA25XIT Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY14E104L-BA25XIT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104L-BA25XIT Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY14E104L-BA25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14E104L-BA25XIT Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
PRELIMINARY
CY14E104L/CY14E104N
Document Number: 001-09603 Rev. *H
Page 9 of 22
tLZOE
[13]
tOLZ
Output Enable to Output Active
0
0
0
15
ns
tHZOE
[13]
tOHZ
Output Disable to Output Inactive
7
8
10
15
ns
tPU
[10]
tPA
Chip Enable to Power Active
0000
ns
tPD
[10]
tPS
Chip Disable to Power Standby
15
20
25
45
ns
tDBE
-
Byte Enable to Data Valid
10
10
12
20
ns
tLZBE
-
Byte Enable to Output Active
0000
ns
tHZBE
-
Byte Disable to Output Inactive
7
8
10
15
ns
SRAM Write Cycle
tWC
tWC
Write Cycle Time
15
20
25
45
ns
tPWE
tWP
Write Pulse Width
10152030
ns
tSCE
tCW
Chip Enable To End of Write
15
15
20
30
ns
tSD
tDW
Data Setup to End of Write
5
8
10
15
ns
tHD
tDH
Data Hold After End of Write
0000
ns
tAW
tAW
Address Setup to End of Write
10
15
20
30
ns
tSA
tAS
Address Setup to Start of Write
0000
ns
tHA
tWR
Address Hold After End of Write
0000
ns
tHZWE
[13,14] t
WZ
Write Enable to Output Disable
7
8
10
15
ns
tLZWE
[13]
tOW
Output Active after End of Write
3333
ns
tBW
-
Byte Enable to End of Write
15152030
ns
AutoStore/Power Up RECALL
Parameters
Description
CY14E104L/CY14E104N
Unit
Min
Max
tHRECALL
[15]
Power Up RECALL Duration
20
ms
tSTORE
[16]
STORE Cycle Duration
15
ms
VSWITCH
Low Voltage Trigger Level
4.4
V
tVCCRISE
VCC Rise Time
150
μs
AC Switching Characteristics (continued)
Parameters
Description
15 ns
20 ns
25 ns
45 ns
Unit
Cypress
Parameters
Alt
Parameters
Min
Max
Min
Max
Min
Max
Min
Max
Notes
14. If WE is low when CE goes low, the outputs remain in the high impedance state.
15. tHRECALL starts from the time VCC rises above VSWITCH.
16. If an SRAM write has not taken place since the last nonvolatile cycle, no STORE takes place.
[+] Feedback


Similar Part No. - CY14E104L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XCT CYPRESS-CY14E104K-ZS15XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XI CYPRESS-CY14E104K-ZS15XI Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XIT CYPRESS-CY14E104K-ZS15XIT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS20XCT CYPRESS-CY14E104K-ZS20XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14E104L-BA25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com