Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62138FLL-45ZSXI Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY62138FLL-45ZSXI
Description  2-Mbit (256K x 8) Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62138FLL-45ZSXI Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY62138FLL-45ZSXI Datasheet HTML 2Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 3Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 4Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 5Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 6Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 7Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 8Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 9Page - Cypress Semiconductor CY62138FLL-45ZSXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Document #: 001-13194 Rev. *A
Page 8 of 10
CY62138F MoBL®
Package Diagrams
Figure 1. 32-pin (450 Mil) Molded SOIC, 51-85081
0.546[13.868]
0.440[11.176]
0.101[2.565]
0.050[1.270]
0.014[0.355]
0.118[2.997]
0.004[0.102]
0.047[1.193]
0.006[0.152]
0.023[0.584]
0.793[20.142]
0.450[11.430]
0.566[14.376]
0.111[2.819]
0.817[20.751]
BSC.
0.020[0.508]
MIN.
MAX.
0.012[0.304]
0.039[0.990]
0.063[1.600]
SEATING PLANE
1
16
17
32
0.004[0.102]
51-85081-*B
[+] Feedback


Similar Part No. - CY62138FLL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62138FLL-45ZSXI CYPRESS-CY62138FLL-45ZSXI Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45ZSXI CYPRESS-CY62138FLL-45ZSXI Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FLL-45ZSXI CYPRESS-CY62138FLL-45ZSXI Datasheet
604Kb / 15P
   2-Mbit (256 K x 8) Static RAM Automatic power down when deselected
More results

Similar Description - CY62138FLL-45ZSXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1010DV33 CYPRESS-CY7C1010DV33_10 Datasheet
803Kb / 12P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F_10 Datasheet
596Kb / 14P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_10 Datasheet
657Kb / 16P
   2-Mbit (256K x 8) Static RAM
CY62138FV30 CYPRESS-CY62138FV30_09 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138V CYPRESS-CY62138V_06 Datasheet
321Kb / 9P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33_08 Datasheet
813Kb / 11P
   2-Mbit (256K x 8) Static RAM
CY7C1010DV33 CYPRESS-CY7C1010DV33 Datasheet
354Kb / 7P
   2-Mbit (256K x 8)Static RAM
CY62138FV30 CYPRESS-CY62138FV30 Datasheet
1,007Kb / 13P
   2-Mbit (256K x 8) Static RAM
CY62138F CYPRESS-CY62138F Datasheet
842Kb / 10P
   2-Mbit (256K x 8) Static RAM
logo
Elite Semiconductor Mem...
M24L28256SA ESMT-M24L28256SA Datasheet
247Kb / 12P
   2-Mbit (256K x 8) Pseudo Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com