Electronic Components Datasheet Search |
|
HPA00034DTR Datasheet(PDF) 5 Page - Texas Instruments |
|
|
HPA00034DTR Datasheet(HTML) 5 Page - Texas Instruments |
5 / 16 page 5 UCC1580-1,-2,-3,-4 UCC2580-1,-2,-3,-4 UCC3580-1,-2,-3,-4 UVLO and Startup For self biased off-line applications, -2 and -4 versions (UVLO on and off thresholds of 15V and 8.5V typical) are recommended. For all other applications, -1 and -3 versions provide the lower on threshold of 9V. The IC re- quires a low startup current of only 160 mA when VDD is under the UVLO threshold, enabling use of a large trickle charge resistor (with corresponding low power dissipa- tion) from the input voltage. VDD has an internal clamp at 15V which can sink up to 10mA. Measures should be taken not to exceed this current. For -2 and -4 versions, this clamp must be activated as an indication of reaching the UVLO on threshold. The internal reference (REF) is brought up when the UVLO on threshold is crossed. The startup logic ensures that LINE and REF are above and SHTDWN is below their respective thresholds before outputs are asserted. LINE input is useful for monitoring actual input voltage and shutting off the IC if it falls be- low a programmed value. A resistive divider should be used to connect the input voltage to the LINE input. This feature can protect the power supply from excessive currents at low line voltages. Figure 1. Output time relationships. APPLICATION INFORMATION UDG-95070-2 Note: Waveforms are not to scale. SS: A capacitor from SS to ground programs the soft start time. During soft start, EAOUT follows the amplitude of SS’s slowly increasing waveform until regulation is achieved. VDD: Chip power supply pin. VDD should be bypassed to PGND. The –1 and –3 versions require VDD to ex- ceed 9V to start and remain above 8.5V to continue run- ning. A shunt clamp from VDD to GND limits the supply voltage to 15V. The –2 and –4 versions do not start until PIN DESCRIPTIONS (cont.) |
Similar Part No. - HPA00034DTR |
|
Similar Description - HPA00034DTR |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |