Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E108L-BA45XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14E108L-BA45XI
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E108L-BA45XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14E108L-BA45XI Datasheet HTML 7Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 8Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 9Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 10Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 11Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 12Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 13Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 14Page - Cypress Semiconductor CY14E108L-BA45XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADVANCE
CY14E108L, CY14E108N
Document Number: 001-45524 Rev. *A
Page 11 of 20
Figure 6. SRAM Read Cycle #2: CE and OE Controlled[10, 21, 23]
Figure 7. SRAM Write Cycle #1: WE Controlled[13, 21, 22, 23]
Switching Waveforms (continued)
ADDRESS
tRC
CE
tACE
tLZCE
tPD
tHZCE
OE
tDOE
tLZOE
DATA VALID
ACTIVE
STANDBY
tPU
DQ (DATA OUT)
ICC
tLZBE
tDBE
tHZBE
HZOE
t
tHZCE
BHE , BLE
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
BHE , BLE
tBW
Notes
22. CE or WE must be >VIH during address transitions.
23. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14E108L-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E108L-BA45XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com