Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY62136VNLL-70ZXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY62136VNLL-70ZXI
Description  2-Mbit (128K x 16) Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62136VNLL-70ZXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY62136VNLL-70ZXI Datasheet HTML 1Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 2Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 3Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 4Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 5Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 6Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 7Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 8Page - Cypress Semiconductor CY62136VNLL-70ZXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
CY62136VN MoBL®
Document #: 001-06510 Rev. *A
Page 3 of 12
Maximum Ratings
(Above which the useful life may be impaired. For user guide-
lines, not tested.)
Storage Temperature .................................. –65°C to +150°C
Ambient Temperature with
Power Applied............................................. –55°C to +125°C
Supply Voltage to Ground Potential ............... –0.5V to +4.6V
DC Voltage Applied to Outputs
in High-Z State[4] ....................................–0.5V to VCC + 0.5V
DC Input Voltage[4].................................–0.5V to VCC + 0.5V
Output Current into Outputs (LOW)............................ 20 mA
Static Discharge Voltage........................................... > 2001V
(per MIL-STD-883, Method 3015)
Latch-up Current..................................................... > 200 mA
Operating Range
Range
Ambient Temperature [TA]
[5]
VCC
Industrial
−40°C to +85°C
2.7V to
3.6V
Automotive-A
–40
°C to +85°C
Automotive-E
–40
°C to +125°C
Electrical Characteristics Over the Operating Range
Parameter
Description
Test Conditions
-55
-70
Unit
Min.
Typ.[2]
Max.
Min.
Typ.[2]
Max.
VOH
Output HIGH Voltage VCC = 2.7V, IOH = −1.0 mA
2.4
2.4
V
VOL
Output LOW Voltage VCC = 2.7V, IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage
VCC = 3.6V
2.2
VCC +
0.5V
2.2
VCC +
0.5V
V
VIL
Input LOW Voltage
VCC = 2.7V
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
Ind’l
–1
+1
–1
+1
µA
Auto-A
–1
+1
–1
+1
µA
Auto-E
–10
+10
µA
IOZ
Output Leakage
Current
GND < VO < VCC,
Output Disabled
Ind’l
–1
+1
–1
+1
µA
Auto-A
–1
+1
–1
+1
µA
Auto-E
–10
+10
µA
ICC
VCC Operating
Supply
Current
f = fMAX
= 1/tRC
VCC = 3.6V,
IOUT = 0 mA,
CMOS
Levels
Ind’l
7
20
7
15
mA
Auto-A
7
20
7
15
Auto-E
7
20
f = 1 MHz
Ind’l
1
2
1
2
mA
Auto-A
1
2
1
2
Auto-E
1
2
ISB1
Automatic CE
Power-down
Current—
CMOS Inputs
CE > VCC − 0.3V,
VIN > VCC − 0.3V or
VIN < 0.3V, f = fMAX
Ind’l
100
100
µA
Auto-A
100
100
µA
Auto-E
100
µA
ISB2
Automatic CE
Power-down
Current—
CMOS Inputs
CE > VCC − 0.3V
VIN > VCC − 0.3V or
VIN < 0.3V, f = 0
Ind’l
1
15
1
15
µA
Auto-A
1
15
1
15
Auto-E
1
20
Capacitance[6]
Parameter
Description
Test Conditions
Max.
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
6pF
COUT
Output Capacitance
8
pF
Notes:
4. VIL(min) = –2.0V for pulse durations less than 20 ns.
5. TA is the “Instant-On” case temperature.
6. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback


Similar Part No. - CY62136VNLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62136VNLL-70ZXI CYPRESS-CY62136VNLL-70ZXI Datasheet
575Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results

Similar Description - CY62136VNLL-70ZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62137FV30 CYPRESS-CY62137FV30_11 Datasheet
508Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136CV CYPRESS-CY62136CV Datasheet
173Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30_09 Datasheet
467Kb / 12P
   2 Mbit (128K x 16) Static RAM
CY62137EV30 CYPRESS-CY62137EV30 Datasheet
578Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62136EV30 CYPRESS-CY62136EV30_09 Datasheet
579Kb / 12P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V Datasheet
214Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY62137V CYPRESS-CY62137V_06 Datasheet
292Kb / 11P
   2-Mbit (128K x 16) Static RAM
CY7C1011CV33 CYPRESS-CY7C1011CV33_10 Datasheet
533Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62137FV18 CYPRESS-CY62137FV18_10 Datasheet
491Kb / 16P
   2-Mbit (128K x 16) Static RAM
CY62136FV30 CYPRESS-CY62136FV30 Datasheet
508Kb / 12P
   2-Mbit (128K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com