Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22150KFZXI Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22150KFZXI
Description  One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150KFZXI Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY22150KFZXI Datasheet HTML 5Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 6Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 7Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 8Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 9Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 10Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 11Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 12Page - Cypress Semiconductor CY22150KFZXI Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CY22150
Document #: 38-07104 Rev. *I
Page 9 of 16
Figure 5. Start and Stop Frame
Figure 6. Frame Format (Device Address, R/W, Register Address, Register Data
SDAT
SCLK
START
Transition
to next bit
STOP
SDAT
SCLK
DA6
DA5DA0
R/W ACK
RA7
RA6RA1
RA0
ACK
STOP
START
ACK
D7
D6
D1
D0
++
+
+
+
+
Parameter
Description
Min
Max
Unit
fSCLK
Frequency of SCLK
400
kHz
Start mode time from SDA LOW to SCL LOW
0.6
μs
CLKLOW
SCLK LOW period
1.3
μs
CLKHIGH
SCLK HIGH period
0.6
μs
tSU
Data transition to SCLK HIGH
100
ns
tDH
Data hold (SCLK LOW to data transition)
0
ns
Rise time of SCLK and SDAT
300
ns
Fall time of SCLK and SDAT
300
ns
Stop mode time from SCLK HIGH to SDAT HIGH
0.6
μs
Stop mode to Start mode
1.3
μs
[+] Feedback


Similar Part No. - CY22150KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150KFZXI CYPRESS-CY22150KFZXI Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22150KFZXIT CYPRESS-CY22150KFZXIT Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
More results

Similar Description - CY22150KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com