Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2309CZXC-1HT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY2309CZXC-1HT
Description  3.3V Zero Delay Clock Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2309CZXC-1HT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY2309CZXC-1HT Datasheet HTML 1Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 2Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 3Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 4Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 5Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 6Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 7Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 8Page - Cypress Semiconductor CY2309CZXC-1HT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CY2305C
CY2309C
3.3V Zero Delay Clock Buffer
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 38-07672 Rev. *H
Revised August 27, 2008
Features
10 MHz to 100-133 MHz operating range
Zero input and output propagation delay
Multiple low skew outputs
One input drives five outputs (CY2305C)
One input drives nine outputs, grouped as 4 + 4 + 1 (CY2309C)
50 ps typical cycle-cycle jitter (15 pF, 66 MHz)
Test Mode to bypass phase locked loop (PLL) (CY2309C) only,
see “Select Input Decoding for CY2309C” on page 3
Available in space saving 16-pin 150 Mil SOIC or 4.4 mm
TSSOP packages (CY2309C), and 8-pin, 150 Mil SOIC
package (CY2305C)
3.3V operation
Commercial, Industrial and Automotive-A flows available
Functional Description
The CY2305C and CY2309C are die replacement parts for
CY2305 and CY2309.
The CY2309C is a low cost 3.3V zero delay buffer designed to
distribute high speed clocks and is available in a 16-pin SOIC or
TSSOP package. The CY2305C is an 8-pin version of the
CY2309C. It accepts one reference input and drives out five low
skew clocks. The -1H versions of each device operate up to
100-133 MHz frequencies and have higher drive than the -1
devices. All parts have on-chip PLLs which lock to an input clock
on the REF pin. The PLL feedback is on-chip and is obtained
from the CLKOUT pad.
The CY2309C has two banks of four outputs each that are
controlled by the select inputs as shown in the “Select Input
Decoding for CY2309C” on page 3. If all output clocks are not
required, BankB is three-stated. The input clock is directly
applied to the outputs by the select inputs for chip and system
testing purposes.
The CY2305C and CY2309C PLLs enter a power down mode
when there are no rising edges on the REF input. In this state,
the outputs are three-stated and the PLL is turned off. This
results in less than 12.0
μA of current draw for commercial
temperature devices and 25.0
μA for industrial and automotive-A
temperature parts. The CY2309C PLL shuts down in one
additional case as shown in the “Select Input Decoding for
CY2309C” on page 3.
In the special case when S2:S1 is 1:0, the PLL is bypassed and
REF is output from DC to the maximum allowable frequency. The
part behaves as a non-zero delay buffer in this mode and the
outputs are not three-stated.
The CY2305C or CY2309C is available in two or three different
configurations as shown in the “Ordering Information” on page 9.
The CY2305C-1 or CY2309C-1 is the base part. The CY2305-1H
or CY2309-1H is the high drive version of the -1. Its rise and fall
times are much faster than the -1.
Logic Block Diagram for CY2305C
CLKOUT
REF
CLK4
PLL
CLK1
CLK2
CLK3
[+] Feedback
[+] Feedback


Similar Part No. - CY2309CZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2309CZXC-1HT CYPRESS-CY2309CZXC-1HT Datasheet
546Kb / 17P
   3.3 V Zero Delay Clock Buffer
More results

Similar Description - CY2309CZXC-1HT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT2309A IDT-IDT2309A Datasheet
56Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B_1005 IDT-IDT2305B_1005 Datasheet
181Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B Datasheet
185Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2309 IDT-IDT2309 Datasheet
135Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305 Datasheet
132Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
2305B-1DCGI8 IDT-2305B-1DCGI8 Datasheet
155Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
2305-1HDCGI8 IDT-2305-1HDCGI8 Datasheet
145Kb / 12P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305B IDT-IDT2305B_09 Datasheet
160Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305A IDT-IDT2305A Datasheet
53Kb / 7P
   3.3V ZERO DELAY CLOCK BUFFER
IDT2305 IDT-IDT2305_07 Datasheet
208Kb / 11P
   3.3V ZERO DELAY CLOCK BUFFER
logo
Renesas Technology Corp
IDT2305A RENESAS-IDT2305A Datasheet
271Kb / 8P
   3.3V ZERO DELAY CLOCK BUFFER
AUGUST 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com