Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22150ZXI-xxx Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY22150ZXI-xxx
Description  One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22150ZXI-xxx Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY22150ZXI-xxx Datasheet HTML 7Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 8Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 9Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 10Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 11Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 12Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 13Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 14Page - Cypress Semiconductor CY22150ZXI-xxx Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
CY22150
Document #: 38-07104 Rev. *I
Page 11 of 16
Absolute Maximum Conditions
Parameter
Description
Min
Max
Unit
VDD
Supply Voltage
–0.5
7.0
V
VDDL
I/O Supply Voltage
–0.5
7.0
V
TS
Storage Temperature[2]
–65
125
°C
TJ
Junction Temperature
125
°C
Package Power Dissipation – Commercial Temp
450
mW
Package Power Dissipation – Industrial Temp
380
mW
Digital Inputs
AVSS – 0.3
AVDD + 0.3
V
Digital Outputs Referred to VDD
VSS – 0.3
VDD + 0.3
V
Digital Outputs Referred to VDDL
VSS – 0.3
VDDL +0.3
V
ESD
Static Discharge Voltage per MIL-STD-833, Method 3015
2000
V
Recommended Operating Conditions
Parameter
Description
Min
Typ.
Max
Unit
VDD
Operating Voltage
3.135
3.3
3.465
V
VDDLHI
[3]
Operating Voltage
3.135
3.3
3.465
V
VDDLLO
[3]
Operating Voltage
2.375
2.5
2.625
V
TAC
Ambient Commercial Temp
0
70
°C
TAI
Ambient Industrial Temp
–40
85
°C
CLOAD
Max. Load Capacitance, VDD/VDDL = 3.3V
15
pF
CLOAD
Max. Load Capacitance, VDDL = 2.5V
15
pF
fREFD
Driven REF
1
133
MHz
fREFC
Crystal REF
8
30
MHz
tPU
Power up time for all VDDs to reach minimum
specified voltage (power ramps must be monotonic)
0.05
500
ms
DC Electrical Characteristics
Parameter[4]
Name
Description
Min
Typ.
Max
Unit
IOH3.3
Output High Current
VOH = VDD – 0.5, VDD/VDDL = 3.3V (sink)
12
24
mA
IOL3.3
Output Low Current
VOL = 0.5, VDD/VDDL = 3.3V (source)
12
24
mA
IOH2.5
Output High Current
VOH = VDDL – 0.5, VDDL = 2.5V (source)
8
16
mA
IOL2.5
Output Low Current
VOL = 0.5, VDDL = 2.5V (sink)
8
16
mA
VIH
Input High Voltage
CMOS levels, 70% of VDD
0.7
VDD
VIL
Input Low Voltage
CMOS levels, 30% of VDD
0.3
VDD
CIN
Input Capacitance
SCLK and SDAT Pins
7
pF
IIZ
Input Leakage Current
SCLK and SDAT Pins
5
μA
VHYS
Hysteresis of Schmitt
triggered inputs
SCLK and SDAT Pins
0.05
VDD
IVDD
[5,6]
Supply Current
AVDD/VDD Current
45
mA
IVDDL3.3
[5,6]
Supply Current
VDDL Current (VDDL = 3.465V)
25
mA
IVDDL2.5
[5,6]
Supply Current
VDDL Current (VDDL = 2.625V)
17
mA
Notes
2. Rated for 10 years.
3. VDDLis only specified and characterized at 3.3V ± 5% and 2.5V ± 5%. VDDLmay be powered at any value between 3.465V and 2.375V.
4. Not 100% tested.
5. IVDD currents specified for two CLK outputs running at 125 MHz, two LCLK outputs running at 80 MHz, and two LCLK outputs running at 66.6 MHz.
6. Use CyClocksRT to calculate actual IVDD and IVDDL for specific output frequency configurations.
[+] Feedback


Similar Part No. - CY22150ZXI-xxx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150ZXI-XXX CYPRESS-CY22150ZXI-XXX Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22150ZXI-XXXT CYPRESS-CY22150ZXI-XXXT Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
More results

Similar Description - CY22150ZXI-xxx

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22150 CYPRESS-CY22150 Datasheet
211Kb / 13P
   One-PLL General-Purpose Flash-Programmable and 2-Wire Serially Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050_09 Datasheet
282Kb / 10P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com