Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101LA-SP45XCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY14B101LA-SP45XCT
Description  1 Mbit (128K x 8/64K x 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101LA-SP45XCT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY14B101LA-SP45XCT Datasheet HTML 2Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 3Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 4Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 5Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 6Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 7Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 8Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 9Page - Cypress Semiconductor CY14B101LA-SP45XCT Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
PRELIMINARY
CY14B101LA, CY14B101NA
Document #: 001-42879 Rev. *C
Page 6 of 24
Preventing AutoStore
The AutoStore function is disabled by initiating an AutoStore
disable sequence. A sequence of read operations is performed
in a manner similar to the Software STORE initiation. To initiate
the AutoStore disable sequence, the following sequence of CE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x8B45 AutoStore Disable
The AutoStore is reenabled by initiating an AutoStore enable
sequence. A sequence of read operations is performed in a
manner similar to the Software RECALL initiation. To initiate the
AutoStore enable sequence, the following sequence of CE
controlled read operations must be performed:
1. Read address 0x4E38 Valid READ
2. Read address 0xB1C7 Valid READ
3. Read address 0x83E0 Valid READ
4. Read address 0x7C1F Valid READ
5. Read address 0x703F Valid READ
6. Read address 0x4B46 AutoStore Enable
If the AutoStore function is disabled or reenabled, a manual
STORE operation (Hardware or Software) must be issued to
save the AutoStore state through subsequent power down
cycles. The part comes from the factory with AutoStore enabled.
Data Protection
The CY14B101LA/CY14B101NA protects data from corruption
during low voltage conditions by inhibiting all externally initiated
STORE and write operations. The low voltage condition is
detected
when
VCC
is
less
than
VSWITCH.
If
the
CY14B101LA/CY14B101NA is in a write mode (both CE and WE
are LOW) at power up, after a RECALL or STORE, the write is
inhibited until the SRAM is enabled after tLZHSB (HSB to output
active). This protects against inadvertent writes during power up
or brown out conditions.
Noise Considerations
Refer to CY application note AN1064.
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4B46
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
AutoStore Enable
Output Data
Output Data
Output Data
Output Data
Output Data
Output Data
Active[10]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x8FC0
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
STORE
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active ICC2
[10]
L
H
L
0x4E38
0xB1C7
0x83E0
0x7C1F
0x703F
0x4C63
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Read SRAM
Nonvolatile
Recall
Output Data
Output Data
Output Data
Output Data
Output Data
Output High Z
Active[10]
Table 2. Mode Selection (continued)
CE
WE
OE, BHE, BLE[3]
A15 - A0
[9]
Mode
I/O
Power
[+] Feedback


Similar Part No. - CY14B101LA-SP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA-SP45XI CYPRESS-CY14B101LA-SP45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SP45XI CYPRESS-CY14B101LA-SP45XI Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101LA-SP45XIT CYPRESS-CY14B101LA-SP45XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA-SP45XIT CYPRESS-CY14B101LA-SP45XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
More results

Similar Description - CY14B101LA-SP45XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com