MoBL® CY62128E
Document #: 38-05485 Rev. *F
Page 3 of 12
Maximum Ratings
Exceeding maximum ratings may impair the useful life of the
device. These user guidelines are not tested.
Storage Temperature ................................. –65°C to +150°C
Ambient Temperature with
Power Applied ............................................ –55°C to +125°C
Supply Voltage to Ground
Potential............................... –0.5V to 6.0V (VCC(max) + 0.5V)
DC Voltage Applied to Outputs
in High-Z State[5, 6] .............. –0.5V to 6.0V (VCC(max) + 0.5V)
DC Input Voltage[5, 6] ........... –0.5V to 6.0V (VCC(max) + 0.5V)
Output Current into Outputs (LOW)............................. 20 mA
Static Discharge Voltage........................................... > 2001V
(MIL-STD-883, Method 3015)
Latch up Current..................................................... > 200 mA
Operating Range
Device
Range
Ambient
Temperature
VCC[7]
CY62128ELL
Ind’l/Auto-A
–40°C to +85°C 4.5V to 5.5V
Auto-E
–40°C to +125°C
Electrical Characteristics (Over the Operating Range)
Parameter
Description
Test Conditions
45 ns (Ind’l/Auto-A)
55 ns (Auto-E)
Unit
Min
Typ[3]
Max
Min
Typ[3]
Max
VOH
Output HIGH
Voltage
IOH = –1 mA
2.4
2.4
V
VOL
Output LOW
Voltage
IOL = 2.1 mA
0.4
0.4
V
VIH
Input HIGH Voltage VCC = 4.5V to 5.5V
2.2
VCC + 0.5 2.2
VCC + 0.5 V
VIL
Input LOW voltage VCC = 4.5V to 5.5V
–0.5
0.8
–0.5
0.8
V
IIX
Input Leakage
Current
GND < VI < VCC
–1
+1
–4
+4
μA
IOZ
Output Leakage
Current
GND < VO< VCC, Output Disabled –1
+1
–4
+4
μA
ICC
VCC Operating
Supply Current
f = fmax = 1/tRC VCC = VCC(max)
IOUT = 0 mA
CMOS levels
11
16
11
35
mA
f = 1 MHz
1.3
2
1.3
4
ISB2 [8]
Automatic CE
Power down
Current—CMOS
Inputs
CE1 > VCC – 0.2V or CE2 < 0.2V,
VIN > VCC – 0.2V or VIN < 0.2V,
f = 0, VCC = VCC(max)
14
1
30
μA
Capacitance (For all Packages) [9]
Parameter
Description
Test Conditions
Max
Unit
CIN
Input Capacitance
TA = 25°C, f = 1 MHz,
VCC = VCC(typ)
10
pF
COUT
Output Capacitance
10
pF
Notes
5. VIL(min) = –2.0V for pulse durations less than 20 ns.
6. VIH(max) = VCC + 0.75V for pulse durations less than 20 ns.
7. Full device AC operation assumes a 100
μs ramp time from 0 to VCC(min) and 200 μs wait time after VCC stabilization.
8. Only chip enables (CE1 and CE2) must be at CMOS level to meet the ISB2 / ICCDR spec. Other inputs can be left floating.
9. Tested initially and after any design or process changes that may affect these parameters.
[+] Feedback