Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104N-ZS20XIT Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14E104N-ZS20XIT
Description  4 Mbit (512K x 8/256K x 16) nvSRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104N-ZS20XIT Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14E104N-ZS20XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 9Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 10Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 11Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 12Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 13Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 14Page - Cypress Semiconductor CY14E104N-ZS20XIT Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PRELIMINARY
CY14E104L/CY14E104N
Document Number: 001-09603 Rev. *H
Page 11 of 22
Switching Waveforms
Figure 6. SRAM Read Cycle #1: Address Controlled [11, 12, 22]
Figure 7. SRAM Read Cycle #2: CE and OE Controlled [11, 22, 23]
tRC
tAA
tOHA
ADDRESS
DQ (DATA OUT)
DATA VALID
ADDRESS
tRC
CE
tACE
tLZCE
tPD
tHZCE
OE
tDOE
tLZOE
DATA VALID
ACTIVE
STANDBY
tPU
DQ (DATA OUT)
ICC
tLZBE
tDBE
tHZBE
HZOE
t
tHZCE
BHE , BLE
Notes
22. HSB must remain HIGH during read and write cycles.
23. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14E104N-ZS20XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XCT CYPRESS-CY14E104K-ZS15XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XI CYPRESS-CY14E104K-ZS15XI Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS15XIT CYPRESS-CY14E104K-ZS15XIT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14E104K-ZS20XCT CYPRESS-CY14E104K-ZS20XCT Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
More results

Similar Description - CY14E104N-ZS20XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com