Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008EDC-2.5 Datasheet(PDF) 5 Page - Linear Technology

Part # LT3008EDC-2.5
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008EDC-2.5 Datasheet(HTML) 5 Page - Linear Technology

  LT3008EDC-2.5 Datasheet HTML 1Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 2Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 3Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 4Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 5Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 6Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 7Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 8Page - Linear Technology LT3008EDC-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT3008 Series
5
3008fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation (Note 3)
LT3008-1.2: VIN = 2V, ILOAD = 1μA to 10mA
VIN = 2V, ILOAD = 1μA to 20mA
l
l
0.8
1
4
10
mV
mV
LT3008-1.5: VIN = 2.05V, ILOAD = 1μA to 10mA
VIN = 2.05V, ILOAD = 1μA to 20mA
l
l
1
1.3
5
13
mV
mV
LT3008-1.8: VIN = 2.35V, ILOAD = 1μA to 10mA
VIN = 2.35V, ILOAD = 1μA to 20mA
l
l
1.2
1.5
6
15
mV
mV
LT3008-2.5: VIN = 3.05V, ILOAD = 1μA to 10mA
VIN = 3.05V, ILOAD = 1μA to 20mA
l
l
1.7
2.1
8.3
21
mV
mV
LT3008-3.3: VIN = 3.85V, ILOAD = 1μA to 10mA
VIN = 3.85V, ILOAD = 1μA to 20mA
l
l
2.2
2.8
11
28
mV
mV
LT3008-5:
VIN = 5.55V, ILOAD = 1μA to 10mA
VIN = 5.55V, ILOAD = 1μA to 20mA
l
l
3.4
4.2
17
42
mV
mV
LT3008:
VIN = 2V, ILOAD = 1μA to 10mA
VIN = 2V, ILOAD = 1μA to 20mA
l
l
0.4
0.5
2
5
mV
mV
Dropout Voltage
VIN = VOUT(NOMINAL) (Notes 5, 6)
ILOAD = 100μA
ILOAD = 100μA
l
115
180
250
mV
mV
ILOAD = 1mA
ILOAD = 1mA
l
170
250
350
mV
mV
ILOAD = 10mA
ILOAD = 10mA
l
270
340
470
mV
mV
ILOAD = 20mA
ILOAD = 20mA
l
300
365
500
mV
mV
Quiescent Current (Notes 6, 7)
ILOAD = 0μA
ILOAD = 0μA
l
3
6
μA
μA
GND Pin Current
VIN = VOUT(NOMINAL) + 0.5V (Notes 6, 7)
ILOAD = 0μA
ILOAD = 100μA
ILOAD = 1mA
ILOAD = 10mA
ILOAD = 20mA
l
l
l
l
l
3
6
21
160
350
6
12
50
500
1200
μA
μA
μA
μA
μA
Output Voltage Noise (Note 9)
COUT = 2.2μF, ILOAD = 20mA, BW = 10Hz to 100kHz
92
μVRMS
ADJ Pin Bias Current
–10
0.4
10
nA
Shutdown Threshold
VOUT = Off to On
VOUT = On to Off
l
l
0.25
0.67
0.61
1.5
V
V
SHDN Pin Current
VSHDN = 0V, VIN = 45V
VSHDN = 45V, VIN = 45V
l
l
0.65
±1
2
μA
μA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V
l
<1
μA
Ripple Rejection (Note 3)
VIN – VOUT = 2V, VRIPPLE = 0.5VP-P,
fRIPPLE = 120Hz, ILOAD = 20mA
LT3008
LT3008-1.2
LT3008-1.5
LT3008-1.8
LT3008-2.5
LT3008-3.3
LT3008-5
58
54
53
52
49
47
42
70
66
65
64
61
59
54
dB
dB
dB
dB
dB
dB
dB
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)


Similar Part No. - LT3008EDC-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008EDC-PBF LINER-LT3008EDC-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008EDC-TR LINER-LT3008EDC-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008EDC-TRPBF LINER-LT3008EDC-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008EDC-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com