Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY3695 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY3695
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3695 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY3695 Datasheet HTML 2Page - Cypress Semiconductor CY3695 Datasheet HTML 3Page - Cypress Semiconductor CY3695 Datasheet HTML 4Page - Cypress Semiconductor CY3695 Datasheet HTML 5Page - Cypress Semiconductor CY3695 Datasheet HTML 6Page - Cypress Semiconductor CY3695 Datasheet HTML 7Page - Cypress Semiconductor CY3695 Datasheet HTML 8Page - Cypress Semiconductor CY3695 Datasheet HTML 9Page - Cypress Semiconductor CY3695 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY25200
Document #: 38-07633 Rev. *E
Page 6 of 11
Switching Waveforms
Figure 4. Duty Cycle Timing (DC = t1A/t1B)
Figure 5. Output Rise and Fall Time (SSCLK and REFCLK)
Figure 6. Power Down and Power Up Timing
Figure 7. Output Enable and Disable Timing
a
OUTPUT
Tr
VDD
0V
Tf
Output Rise time (Tr) = (0.6 x VDD)/SR1 (or SR3)
Output Fall time (Tf) = (0.6 x VDD)/SR2 (or SR4)
Refer to AC Electrical Characteristics table for SR (Slew Rate) values.
SSCLK
VDD
tPU
tSTP
VIL
VIH
POWER
DOWN
0V
(Asynchronous)
High Impedance
SSCLK
VDD
TOE1
VIL
VIH
OUTPUT
ENABLE
0V
(Asynchronous)
High Impedance
TOE2
[+] Feedback


Similar Part No. - CY3695

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY3695 CYPRESS-CY3695 Datasheet
234Kb / 6P
   PTG Programming Kit
CY3695 CYPRESS-CY3695 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY3695 CYPRESS-CY3695 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY3695 CYPRESS-CY3695 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY3695 CYPRESS-CY3695 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY3695

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com