Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22801KSXI-xxxT Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY22801KSXI-xxxT
Description  Universal Programmable Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22801KSXI-xxxT Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY22801KSXI-xxxT Datasheet HTML 1Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 2Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 3Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 4Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 5Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 6Page - Cypress Semiconductor CY22801KSXI-xxxT Datasheet HTML 7Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CY22801
Document #: 001-15571 Rev. *B
Page 2 of 7
General Description
The CY22801 is a flash-programmable clock generator that
supports various applications in consumer and communications
markets. The device uses a Cypress proprietary PLL to drive up
to three configurable outputs in an 8-pin SOIC.
The CY22801 is programmed with an easy-to-use programmer
dongle, the CY36800, in conjunction with the CyClocksRT™
software. This enables fast sample generation of prototype
builds for user-defined frequencies.
Field Programming the CY22801
The CY22801 is programmed using the CY36800 USB
programmer dongle. The CY22801 is flash-technology based, so
the parts are reprogrammed up to 100 times. This enables fast
and easy design changes and product updates, and eliminates
any issues with old and out-of-date inventory.
Samples and small prototype quantities are programmed using
the CY36800 programmer. Cypress’s value added distribution
partners and third party programming systems from BP
Microsystems, HiLo Systems, and others, are available for large
production quantities.
CyClocksRT Software
CyClocksRT is an easy-to-use software application that enables
the user to custom-configure the CY22801. Users can specify
the XIN/CLKIN frequency, crystal load capacitance, and output
frequencies. CyClocksRT then creates an industry standard
JEDEC file, which is used to program the CY22801.
When needed, an advanced mode is available that enables
users to override the automatically generated VCO frequency
and output divider values.
CyClocksRT is a component of the CyberClocks™ software,
which is downloaded free of charge from the Cypress website at
http://www.cypress.com.
CY36800 InstaClock™ Kit
The Cypress CY36800 InstaClock Kit comes with everything
needed to design the CY22801 and program samples and small
prototype quantities. The CyClocksRT software is used to
quickly create a JEDEC programming file, which is then
downloaded directly to the portable programmer that is included
in the CY36800 InstaClock Kit. The JEDEC file can also be
saved for use in a production programming system for larger
volumes.
The CY36800 also comes with five samples of the CY22800,
which are programmed with preconfigured JEDEC files using the
InstaClock software.
Output Clock Frequencies
The CY22801 is a very flexible clock generator with up to three
individual outputs, generated from an integrated PLL. Details are
shown in Figure 2.
The output of the PLL runs at high frequency and is divided down
to generate the output clocks. Two programmable dividers are
available for this purpose. Thus, although the output clocks may
be different frequencies, they must be related, based on the PLL
frequency.
It is also possible to direct the reference clock input to any of the
outputs, thereby bypassing the PLL. Lastly, the reference clock
may be passed through either divider.
Figure 2. Basic PLL Block Diagram
Reference Crystal Input
The input crystal oscillator of the CY22801 is an important
feature because of the flexibility it allows the user in selecting a
crystal as a reference clock source. The oscillator inverter has
programmable gain, enabling maximum compatibility with a
reference crystal, based on manufacturer, process, perfor-
mance, and quality.
Input load capacitors are placed on the CY22801 die to reduce
external
component
cost.
These
capacitors
are
true
parallel-plate capacitors, designed to reduce the frequency shift
that occurs when nonlinear load capacitance is affected by load,
bias, supply, and temperature changes.
The value of the input load capacitors is determined by eight bits
in a programmable register. Total load capacitance is determined
by the formula:
CapLoad = (CL – CBRD – CCHIP)/0.09375 pF
In CyClocksRT, enter the crystal capacitance (CL). The value of
CapLoad is determined automatically and programmed into the
CY22801.
Applications
Controlling Jitter
Jitter is defined in many ways, including:
Phase noise
Long-term jitter
Cycle-to-cycle jitter
Period jitter
Absolute jitter
Deterministic jitter
CLKC
Crosspoint
Switch
Matrix
REF
(XIN/CLKIN)
/P
PFD
VCO
/Q
CLKB
CLKA
Post
Divider
1N
Post
Divider
2N
[+] Feedback


Similar Part No. - CY22801KSXI-xxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801KSXI-XXXT CYPRESS-CY22801KSXI-XXXT Datasheet
602Kb / 23P
   Universal Programmable Clock Generator (UPCG) Integrated phase-locked loop (PLL)
CY22801KSXI-xxxT[9] CYPRESS-CY22801KSXI-xxxT[9] Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
More results

Similar Description - CY22801KSXI-xxxT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22801 CYPRESS-CY22801_12 Datasheet
453Kb / 25P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800 Datasheet
182Kb / 8P
   Universal Programmable Clock Generator (UPCG)
CY22801 CYPRESS-CY22801 Datasheet
255Kb / 7P
   Universal Programmable Clock Generator (UPCG)
CY22800 CYPRESS-CY22800_07 Datasheet
547Kb / 10P
   Universal Programmable Clock Generator (UPCG)
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com