Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104M-ZS25XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14E104M-ZS25XIT
Description  4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104M-ZS25XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14E104M-ZS25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14E104M-ZS25XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
PRELIMINARY
CY14E104K/CY14E104M
Document #: 001-09604 Rev. *H
Page 10 of 28
Table 3. RTC Register Map
Register
BCD Format Data
Function/Range
D7
D6
D5
D4
D3
D2
D1
D0
0x1FFFF
10s Years
Years
Years: 00–99
0x1FFFE
0
0
0
10s
Months
Months
Months: 01–12
0x1FFFD
0
0
10s Day of Month
Day Of Month
Day of Month: 01–31
0x1FFFC
0
0
0
0
0
Day of week
Day of week: 01–07
0x1FFFB
0
0
10s Hours
Hours
Hours: 00–23
0x1FFFA
0
10s Minutes
Minutes
Minutes: 00–59
0x1FFF9
10s Seconds
Seconds
Seconds: 00–59
0x1FFF8 OSCEN
0
Cal Sign
Calibration
Calibration Values [7]
0x1FFF7
WDS
WDW
WDT
Watchdog [7]
0x1FFF6
WIE
AIE
PFE
0
H/L
P/L
0
0
Interrupts [7]
0x1FFF5
M
0
10s Alarm Date
Alarm Date
Alarm, Day of Month: 01–31
0x1FFF4
M
0
10s Alarm Hours
Alarm Hours
Alarm, Hours: 00–23
0x1FFF3
M
10 Alarm Minutes
Alarm Minutes
Alarm, Minutes: 00–59
0x1FFF2
M
10 Alarm Seconds
Alarm Seconds
Alarm, Seconds: 00–59
0x1FFF1
10s Centuries
Centuries
Centuries: 00–99
0x1FFF0
WDF
AF
PF
OSCF
0
CAL
W
R
Flags[7]
Note
7. This is a binary value, not a BCD value.
[+] Feedback


Similar Part No. - CY14E104M-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XCT CYPRESS-CY14E104L-BA15XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XI CYPRESS-CY14E104L-BA15XI Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XIT CYPRESS-CY14E104L-BA15XIT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA20XCT CYPRESS-CY14E104L-BA20XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14E104M-ZS25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com