Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101NA-ZSP25XIT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B101NA-ZSP25XIT
Description  1 Mbit (128K x 8/64K x 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101NA-ZSP25XIT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B101NA-ZSP25XIT Datasheet HTML 1Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 2Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 3Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 4Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 5Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101NA-ZSP25XIT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
PRELIMINARY
CY14B101LA, CY14B101NA
1 Mbit (128K x 8/64K x 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-42879 Rev. *C
Revised July 09, 2009
Features
20 ns, 25 ns, and 45 ns Access Times
Internally Organized as 128K x 8 (CY14B101LA) or 64K x 16
(CY14B101NA)
Hands off Automatic STORE on Power Down with only a Small
Capacitor
STORE to QuantumTrap Nonvolatile Elements Initiated by
Software, Device Pin, or AutoStore on Power Down
RECALL to SRAM Initiated by Software or Power Up
Infinite Read, Write, and Recall Cycles
200,000 STORE Cycles to QuantumTrap
20 year Data Retention
Single 3V +20% to -10% Operation
Commercial and Industrial Temperatures
54/44-Pin TSOP-II, 48-Pin SSOP, and 32-Pin SOIC Packages
Pb-free and RoHS Compliance
Functional Description
The Cypress CY14B101LA/CY14B101NA is a fast static RAM,
with a nonvolatile element in each memory cell. The memory is
organized as 128K bytes of 8 bits each or 64K words of 16 bits
each.
The
embedded
nonvolatile
elements
incorporate
QuantumTrap technology, producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while independent nonvolatile data resides in the highly
reliable QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A16 for x8 configuration and Address A0 - A15 for x16 configuration.
2. Data DQ0 - DQ7 for x8 configuration and Data DQ0 - DQ15 for x16 configuration.
3. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14B101NA-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101NA-ZS25XI CYPRESS-CY14B101NA-ZS25XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS25XI CYPRESS-CY14B101NA-ZS25XI Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101NA-ZS25XIT CYPRESS-CY14B101NA-ZS25XIT Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101NA-ZS25XIT CYPRESS-CY14B101NA-ZS25XIT Datasheet
725Kb / 29P
   1-Mbit (128 K 횞 8/64 K 횞 16) nvSRAM
CY14B101NA-ZS45XI CYPRESS-CY14B101NA-ZS45XI Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
More results

Similar Description - CY14B101NA-ZSP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L_09 Datasheet
550Kb / 18P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com