Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29351AXIT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY29351AXIT
Description  2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY29351AXIT Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY29351AXIT Datasheet HTML 2Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 3Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 4Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 5Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 6Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 7Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 8Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 9Page - Cypress Semiconductor CY29351AXIT Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CY29351
Document Number: 38-07475 Rev. *C
Page 6 of 10
AC Electrical Specifications
(VDD = 3.3V ± 5%, TA = –40°C to +85°C)[7]
Parameter
Description
Condition
Min
Typ.
Max
Unit
fVCO
VCO frequency
200
500
MHz
fin
Input frequency
÷2 feedback
100
200
MHz
÷4 feedback
50
125
÷8 feedback
25
62.5
Bypass mode (PLL_EN = 0)
0
200
frefDC
Input duty cycle
25
75
%
VPP
Peak-Peak input voltage
LVPECL
500
1000
mV
VCMR
Common mode range[8]
LVPECL
1.2
VDD – 0.9
V
tr , tf
TCLK input rise/fall time
0.8V to 2.0V
1.0
ns
fMAX
Maximum output frequency
÷2 output
100
200
MHz
÷4 output
50
125
÷8 output
25
62.5
DC
Output duty cycle
fMAX < 100 MHz
47.5
52.5
%
fMAX > 100 MHz
45
55
tr , tf
Output rise/fall times
0.8V to 2.4V
0.1
1.0
ns
t(φ)
Propagation delay (static phase
offset)
TCLK to FB_IN, same VDD
–100
100
ps
PCLK to FB_IN, same VDD
–100
100
tsk(O)
Output-to-Output skew
Banks at same voltage
150
ps
tsk(B)
Bank-to-Bank skew
Banks at different voltages
350
ps
tPLZ, HZ
Output disable time
10
ns
tPZL, ZH
Output enable time
10
ns
BW
PLL closed loop bandwidth (–3dB)
÷2 feedback
2.2
MHz
÷4 feedback
0.85
÷8 feedback
0.6
tJIT(CC)
Cycle-to-Cycle jitter
Same frequency
150
ps
Multiple frequencies
250
tJIT(PER)
Period jitter
Same frequency
100
ps
Multiple frequencies
150
tJIT(φ)
I/O phase jitter
I/O same VDD
175
ps
tLOCK
Maximum PLL lock time
1
ms
[+] Feedback


Similar Part No. - CY29351AXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29351AXIT CYPRESS-CY29351AXIT Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
More results

Similar Description - CY29351AXIT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29351 CYPRESS-CY29351 Datasheet
286Kb / 8P
   2.5V or 3.3V, 200-MHz, 9-Output Zero Delay Buffer
CY29351 CYPRESS-CY29351_08 Datasheet
316Kb / 10P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com