Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY25200ZXC_XXXWT Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25200ZXC_XXXWT
Description  Programmable Spread Spectrum Clock Generator for EMI Reduction
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25200ZXC_XXXWT Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25200ZXC_XXXWT Datasheet HTML 1Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 2Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 3Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 4Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 5Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 6Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 7Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 8Page - Cypress Semiconductor CY25200ZXC_XXXWT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY25200
Document #: 38-07633 Rev. *E
Page 4 of 11
Product Functions
Control Pins (CP0, CP1, CP2 and CP3)
There are four control signals available through programming of
pins 4, 10, 14, and 15.
CP0 (pin 4) and CP1 (pin10) are specifically designed to function
as control pins. However pins 14 (SSCLK5/REFOUT/CP2) and
15 (SSCLK6/REFOUT/CP3) are multi-functional and are
programmed to be a control signal or an output clock (SSCLK or
REFOUT). All of the control pins, CP0, CP1, CP2, and CP3 are
programmable and are programmed to have only one of the
following functions:
Output Enable (OE)—if OE = 1, all the SSCLK or REFOUT
outputs are enabled.
SSON, Spread spectrum control—1 = spread on and
0 = spread off.
CLKSEL—SSCLK output frequency select
PD#, Active Low—if PD# = 0, all the outputs are three-stated
and the part enters a low power state.
The last control signal is the power down (PD#) that is imple-
mented only through programming CP0 or CP1 (CP2 and CP3
cannot be programmed as PD#). Here is an example with three
control pins:
CLKIN = 33 MHz
SSCLK1/2/3/4 = 100 MHz with ±1% spread
SSCLK 5 = REFOUT(33 MHz)
CP0 (Pin 4) = PD#
CP1 (Pin 10) = OE
CP3 (pin 15) = SSON
The pinout for the above example is shown in Figure 2.
Figure 2. Pin Diagram
The CLKSEL control pin enables the user to change the output
frequency from one frequency to another (for example,
frequency A to frequency B). These must be related frequencies
that are derived off of a common VCO frequency. For instance,
33.333 MHz and 66.666 MHz are both derived from a VCO of
400 MHz and dividing it down by 12 and 6 respectively. Table 4
on page 5 shows an example of how this is implemented. The
VCO frequency range is 100–400MHz. The CY25200 has two
separate dividers, Divider 1 and Divider 2. These two are loaded
to have any number between 2 and 130 providing two different
but related frequencies as explained above.
In the above example SSCLK5 (pin 14) and SSCLK6 (pin 15) are
used as output clocks. However, they can also be used as control
signals. See Figure 3 on page 5 for the pinout.
Input Frequency (XIN, pin 1 and XOUT, pin 16)
The input to the CY25200 is a crystal or a clock. The input fre-
quency range for crystals is 8 to 30 MHz, and for clock signal is
8 to 166 MHz.
CXIN and CXOUT (pin 1 and pin 16)
The load capacitors at pin 1 (CXIN) and pin 16 (CXOUT) are
programmed from 12 pF to 60 pF with 0.5 pF increments. The
programmed value of these on-chip crystal load capacitors are
the same (XIN = XOUT = 12 to 60 pF).
The required values of CXIN and CXOUT for matching crystal load
(CL) is calculated using the following formula:
CXIN = CXOUT = 2CL – CP
Where CL is the crystal load capacitor as specified by the crystal
manufacturer and CP is the parasitic PCB capacitance.
For example, if a fundamental 16 MHz crystal with CL of 16 pF is
used and CP is 2 pF, CXIN and CXOUT is calculated as:
CXIN = CXOUT = (2 x 16) – 2 = 30 pF.
If using a driven reference clock, set CXIN and CXOUT to the min-
imum value 12 pF.
Output Frequency (SSCLK1 through SSCLK6
Outputs)
All of the SSCLK outputs are produced by synthesizing the input
reference frequency using a PLL and modulating the VCO
frequency. SSCLK[1:4] is programmed to be only output clocks
(SSCLK). SSCLK5 and SSCLK6 are also programmed to
function the same as SSCLK[1:4] or a buffered copy of the input
reference (REFOUT) or they are programmed to be a control pin
as discussed in the control pins section. To use the 2.5V output
drive option on SSCLK[1:4], VDDL must be connected to a 2.5V
power supply (SSCLK[1:4] outputs are powered by VDDL).
When using the 2.5V output drive option, the maximum output
frequency on SSCLK[1:4] is 166 MHz.
Spread Percentage (SSCLK1 through SSCLK6
Outputs)
The SSCLK frequency is programmed at any percentage value
from ±0.25% to ±2.5% for center spread and from –0.5% to
–5.0% down spread.
Frequency Modulation
The frequency modulation is programmed at 31.5 kHz for all
SSCLK frequencies from 3 to 200 MHz. Contact the factory if a
higher modulation frequency is required.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VSS
VSSL
OE
100MHz
33.0MHz
NC
VDD
PD#
AVSS
100MHz
SSON
REFOUT(33.0MHz)
AVDD
VDDL
100MHz
100MHz
[+] Feedback


Similar Part No. - CY25200ZXC_XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200ZXC_XXXWT CYPRESS-CY25200ZXC_XXXWT Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
More results

Similar Description - CY25200ZXC_XXXWT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100 Datasheet
279Kb / 11P
   Field- and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25100 CYPRESS-CY25100_08 Datasheet
372Kb / 13P
   Field and Factory-Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
SpectraLinear Inc
SL15316 SPECTRALINEAR-SL15316 Datasheet
282Kb / 12P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15101 SPECTRALINEAR-SL15101 Datasheet
194Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
SL15300 SPECTRALINEAR-SL15300 Datasheet
372Kb / 16P
   Programmable Spread Spectrum Clock Generator (SSCG)
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com