Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B108L-BA25XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B108L-BA25XI
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B108L-BA25XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B108L-BA25XI Datasheet HTML 1Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 2Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 3Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 4Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 5Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 6Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B108L-BA25XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
CY14B108L, CY14B108N
8 Mbit (1024K x 8/512K x 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-45523 Rev. *D
Revised July 30, 2009
Features
20 ns, 25 ns, and 45 ns Access Times
Internally Organized as 1024K x 8 (CY14B108L) or 512K x 16
(CY14B108N)
Hands off Automatic STORE on Power Down with only a Small
Capacitor
STORE to QuantumTrap Nonvolatile Elements Initiated by
Software, Device Pin, or AutoStore on Power Down
RECALL to SRAM Initiated by Software or Power Up
Infinite Read, Write, and RECALL Cycles
200,000 STORE Cycles to QuantumTrap
20 year Data Retention
Single 3V +20%, -10% Operation
Commercial and Industrial Temperatures
48-Ball FBGA and 44/54-Pin TSOP-II Packages
Pb-free and RoHS Compliant
Functional Description
The Cypress CY14B108L/CY14B108N is a fast static RAM, with
a nonvolatile element in each memory cell. The memory is
organized as 1024 Kbytes of 8 bits each or 512K words of 16 bits
each. The embedded nonvolatile elements incorporate
QuantumTrap technology, producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while independent nonvolatile data resides in the highly
reliable QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
STATIC RAM
ARRAY
2048 X 2048 X 2
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum Trap
2048 X 2048 X 2
STORE
RECALL
VCC
VCAP
HSB
A9 A10 A11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A14 -A2
OE
CE
WE
BHE
BLE
A
0
A1
A
2
A
3
A
4
A
5
A
6
A
7
A8
A
17
A
18
DQ0
DQ
1
DQ2
DQ
3
DQ4
DQ
5
DQ
6
DQ
7
DQ
8
DQ
9
DQ10
DQ11
DQ
12
DQ
13
DQ14
DQ15
A
19
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A19 for x8 configuration and Address A0 - A18 for x16 configuration.
2. Data DQ0 - DQ7 for x8 configuration and Data DQ0 - DQ15 for x16 configuration.
3. BHE and BLE are applicable for x16 configuration only.
[+] Feedback


Similar Part No. - CY14B108L-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L-BA25XI CYPRESS-CY14B108L-BA25XI Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108L-BA25XI CYPRESS-CY14B108L-BA25XI Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
CY14B108L-BA25XIT CYPRESS-CY14B108L-BA25XIT Datasheet
889Kb / 24P
   8-Mbit (1024 K 횞 8/512 K 횞 16) nvSRAM
CY14B108L-BA25XIT CYPRESS-CY14B108L-BA25XIT Datasheet
952Kb / 25P
   8-Mbit (1024 K x 8/512 K x 16) nvSRAM Infinite Read, Write, and RECALL cycles
More results

Similar Description - CY14B108L-BA25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E108L CYPRESS-CY14E108L Datasheet
611Kb / 20P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com