Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY22050KFZXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22050KFZXI
Description  One-PLL General Purpose Flash Programmable Clock Generator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22050KFZXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY22050KFZXI Datasheet HTML 2Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 3Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 4Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 5Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 6Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 7Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 8Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 9Page - Cypress Semiconductor CY22050KFZXI Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
CY22050,
CY220501
Document #: 38-07006 Rev. *G
Page 7 of 10
Figure 3. Test Circuit
Figure 4. Duty Cycle Definition: DC = t2/t1
Figure 5. Rise and Fall Time Definitions
Figure 6. Peak-to-Peak Jitter
0.1
μF
VDD
0.1
μF
AVDD
CLK out
CLOAD
GND
OUTPUTS
VDDL
0.1
μF
t1
t2
CLK
50%
50%
t3
CLK
80%
20%
t4
CLK
t6
[+] Feedback


Similar Part No. - CY22050KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050KFZXI CYPRESS-CY22050KFZXI Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
More results

Similar Description - CY22050KFZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22050 CYPRESS-CY22050_11 Datasheet
315Kb / 11P
   One-PLL General-Purpose Flash-Programmable Clock Generator
CY22050 CYPRESS-CY22050 Datasheet
156Kb / 9P
   One-PLL General Purpose Flash Programmable Clock Generator
CY22150 CYPRESS-CY22150_11 Datasheet
443Kb / 18P
   One-PLL General-Purpose Flash-Programmable and I2C Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_13 Datasheet
504Kb / 13P
   Three-PLL General Purpose Flash Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
   Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
   Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com