Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY2310ANZPVC-1T Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2310ANZPVC-1T
Description  3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2310ANZPVC-1T Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2310ANZPVC-1T Datasheet HTML 1Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 2Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 3Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 4Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 5Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 6Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 7Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 8Page - Cypress Semiconductor CY2310ANZPVC-1T Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CY2310ANZ
Document #: 38-07142 Rev. *C
Page 2 of 9
Pin Configuration
Figure 1. Pin Diagram: 28-Pin SSOP
Table 1. Pin Summary
Name
Pins
Description
VDD
1, 5, 10, 19, 24, 28
3.3V Digital voltage supply
VSS
4, 8, 12, 17, 21, 25
Ground
VDDIIC
13
Serial interface voltage supply
VSSIIC
16
Ground for serial interface
BUF_IN
9
Input clock
OE
20
Output Enable, three-states outputs when LOW. Internal pull up to VDD
SDATA
14
Serial data input, internal pull-up to VDD
SCLK
15
Serial clock input, internal pull-up to VDD
SDRAM [0–3]
2, 3, 6, 7
SDRAM byte 0 clock outputs
SDRAM [4–7]
22, 23, 26, 27
SDRAM byte 1 clock outputs
SDRAM [8–9]
11, 18
SDRAM byte 2 clock outputs
1
2
3
4
VDD
SDRAM7
SDRAM6
VSS
VDD
SDRAM5
Top View
8
5
6
7
12
9
10
11
13
14
28
27
26
25
21
24
23
22
17
20
19
18
16
15
SDRAM4
VSS
OE
VDD
SDRAM9
VSS
VSSIIC
SCLOCK
VDD
SDRAM0
SDRAM1
VSS
VDD
SDRAM2
VSS
BUF_IN
VDD
SDRAM8
VSS
VDDIIC
SDATA
SDRAM3
[+] Feedback


Similar Part No. - CY2310ANZPVC-1T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY2310ANZPVC-1T CYPRESS-CY2310ANZPVC-1T Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZPVC-1T CYPRESS-CY2310ANZPVC-1T Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
More results

Similar Description - CY2310ANZPVC-1T

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I2310ANZ ALSC-ASM2I2310ANZ Datasheet
501Kb / 12P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
Cypress Semiconductor
CY2310ANZ CYPRESS-CY2310ANZ_05 Datasheet
187Kb / 8P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
CY2310ANZ CYPRESS-CY2310ANZ Datasheet
300Kb / 15P
   3.3V SDRAM Buffer for Mobile PCs with 4 SO-DIMMs
logo
ON Semiconductor
PCS2I2310ANZ ONSEMI-PCS2I2310ANZ Datasheet
153Kb / 11P
   3.3 V SDRAM Buffer for Mobile PCS with 4 SO-DIMMs
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS2I2310ANZ PULSECORE-PCS2I2310ANZ Datasheet
506Kb / 12P
   3.3V SDRAM Buffer for Mobile PCS with 4 SO-DIMMsQ
logo
Cypress Semiconductor
CY2318BNZ CYPRESS-CY2318BNZ Datasheet
96Kb / 8P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2318ANZPVC-11 CYPRESS-CY2318ANZPVC-11 Datasheet
184Kb / 9P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 4 DIMMs
CY2314ANZ CYPRESS-CY2314ANZ_08 Datasheet
237Kb / 8P
   14 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Alliance Semiconductor ...
ASM2I2318ANZ ALSC-ASM2I2318ANZ Datasheet
547Kb / 13P
   18 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
logo
Cypress Semiconductor
CY2313ANZ CYPRESS-CY2313ANZ_07 Datasheet
209Kb / 8P
   13 Output, 3.3V SDRAM Buffer for Desktop PCs with 3 DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com