Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104MA-ZS25XI Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY14B104MA-ZS25XI
Description  4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104MA-ZS25XI Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY14B104MA-ZS25XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 10Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 11Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 12Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 13Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 14Page - Cypress Semiconductor CY14B104MA-ZS25XI Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
PRELIMINARY
CY14B104KA, CY14B104MA
Document #: 001-07103 Rev. *J
Page 11 of 31
Table 4. Register Map Detail
Register
Description
CY14B104KA CY14B104MA
0x7FFFF
0x3FFFF
Time Keeping - Years
D7
D6
D5
D4
D3
D2
D1
D0
10s Years
Years
Contains the lower two BCD digits of the year. Lower nibble (four bits) contains the value for years;
upper nibble (four bits) contains the value for 10s of years. Each nibble operates from 0 to 9. The
range for the register is 0–99.
0x7FFFE
0x3FFFE
Time Keeping - Months
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
10s Month
Months
Contains the BCD digits of the month. Lower nibble (four bits) contains the lower digit and operates
from 0 to 9; upper nibble (one bit) contains the upper digit and operates from 0 to 1. The range
for the register is 1–12.
0x7FFFD
0x3FFFD
Time Keeping - Date
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10s Day of Month
Day of Month
Contains the BCD digits for the date of the month. Lower nibble (four bits) contains the lower digit
and operates from 0 to 9; upper nibble (two bits) contains the 10s digit and operates from 0 to 3.
The range for the register is 1–31. Leap years are automatically adjusted for.
0x7FFFC
0x3FFFC
Time Keeping - Day
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0
Day of Week
Lower nibble (three bits) contains a value that correlates to day of the week. Day of the week is a
ring counter that counts from 1 to 7 then returns to 1. The user must assign meaning to the day
value, because the day is not integrated with the date.
0x7FFFB
0x3FFFB
Time Keeping - Hours
D7
D6
D5
D4
D3
D2
D1
D0
0
0
10s Hours
Hours
Contains the BCD value of hours in 24 hour format. Lower nibble (four bits) contains the lower
digit and operates from 0 to 9; upper nibble (two bits) contains the upper digit and operates from
0 to 2. The range for the register is 0–23.
0x7FFFA
0x3FFFA
Time Keeping - Minutes
D7
D6
D5
D4
D3
D2
D1
D0
0
10s Minutes
Minutes
Contains the BCD value of minutes. Lower nibble (four bits) contains the lower digit and operates
from 0 to 9; upper nibble (three bits) contains the upper minutes digit and operates from 0 to 5.
The range for the register is 0–59.
0x7FFF9
0x3FFF9
Time Keeping - Seconds
D7
D6
D5
D4
D3
D2
D1
D0
0
10s Seconds
Seconds
Contains the BCD value of seconds. Lower nibble (four bits) contains the lower digit and operates
from 0 to 9; upper nibble (three bits) contains the upper digit and operates from 0 to 5. The range
for the register is 0–59.
[+] Feedback


Similar Part No. - CY14B104MA-ZS25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M CYPRESS-CY14B104M Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP20XC CYPRESS-CY14B104M-ZSP20XC Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104M-ZSP20XCT CYPRESS-CY14B104M-ZSP20XCT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104MA-ZS25XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com