Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E256L-SZ35XCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14E256L-SZ35XCT
Description  256 Kbit (32K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E256L-SZ35XCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14E256L-SZ35XCT Datasheet HTML 1Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 2Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 3Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 4Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 5Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 6Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 7Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 8Page - Cypress Semiconductor CY14E256L-SZ35XCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
CY14E256L
256 Kbit (32K x 8) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-06968 Rev. *G
Revised May 18, 2009
Features
25 ns, 35 ns, and 45 ns Access Times
Pin Compatible with STK14C88
Hands Off Automatic STORE on Power Down with External
68 µF Capacitor
STORE to QuantumTrap Nonvolatile Elements is Initiated by
Software, Hardware, or AutoStore on Power Down
RECALL to SRAM Initiated by Software or Power Up
Unlimited READ, WRITE, and RECALL Cycles
1,000,000 STORE Cycles to QuantumTrap
100 Year Data Retention to QuantumTrap
Single 5V+10% Operation
Commercial and Industrial Temperature
32-pin SOIC Package (RoHS Compliance)
CDIP (300 mil) Package
Functional Description
The Cypress CY14E256L is a fast static RAM with a nonvolatile
element in each memory cell. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM provides
unlimited read and write cycles, while independent, nonvolatile
data resides in the highly reliable QuantumTrap cell. Data
transfers from the SRAM to the nonvolatile elements (the
STORE operation) takes place automatically at power down. On
power up, data is restored to the SRAM (the RECALL operation)
from the nonvolatile memory. Both the STORE and RECALL
operations are also available under software control. A hardware
STORE is initiated with the HSB pin.
STORE/
RECALL
CONTROL
POWER
CONTROL
SOFTWARE
DETECT
STATIC RAM
ARRAY
512 X 512
Quantum Trap
512 X 512
STORE
RECALL
COLUMN I/O
COLUMN DEC
OE
CE
WE
HSB
VCC
VCAP
A13
- A0
A0 A1 A2 A3 A4 A10
A5
A6
A7
A8
A9
A11
A12
A13
A14
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
Logic Block Diagram
[+] Feedback


Similar Part No. - CY14E256L-SZ35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E256L-SZ25XCT CYPRESS-CY14E256L-SZ25XCT Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14E256L-SZ45XCT CYPRESS-CY14E256L-SZ45XCT Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
More results

Similar Description - CY14E256L-SZ35XCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
   256 Kbit (32K x 8) nvSRAM
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
   256-Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L Datasheet
1Mb / 17P
   256-Kbit (32K x 8) nvSRAM
CY14E256LA CYPRESS-CY14E256LA Datasheet
606Kb / 19P
   256 Kbit (32K x 8) nvSRAM
CY14B256L CYPRESS-CY14B256L_09 Datasheet
657Kb / 18P
   256 Kbit (32K x 8) nvSRAM
STK14C88-3 CYPRESS-STK14C88-3 Datasheet
618Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK14C88-5 CYPRESS-STK14C88-5 Datasheet
535Kb / 17P
   256 Kbit (32K x 8) AutoStore nvSRAM
STK11C88 CYPRESS-STK11C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) SoftStore nvSRAM
STK15C88 CYPRESS-STK15C88 Datasheet
474Kb / 15P
   256 Kbit (32K x 8) PowerStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com