Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E108L-ZS20XI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14E108L-ZS20XI
Description  8 Mbit (1024K x 8/512K x 16) nvSRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E108L-ZS20XI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14E108L-ZS20XI Datasheet HTML 1Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 2Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 3Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 4Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 5Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 6Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 7Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 8Page - Cypress Semiconductor CY14E108L-ZS20XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ADVANCE
CY14E108L, CY14E108N
8 Mbit (1024K x 8/512K x 16) nvSRAM
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-45524 Rev. *A
Revised June 24, 2008
Features
20 ns, 25 ns, and 45 ns access times
Internally organized as 1024K x 8 (CY14E108L) or 512K x 16
(CY14E108N)
Hands off automatic STORE on power down with only a small
capacitor
STORE to QuantumTrap
® nonvolatile elements initiated by
software, device pin, or AutoStore® on power down
RECALL to SRAM initiated by software or power up
Infinite read, write, and recall cycles
200,000 STORE cycles to QuantumTrap
20 year data retention
Single 5V +10% operation
Commercial and industrial temperatures
48-pin FBGA, 44 and 54-pin TSOP II packages
Pb-free and RoHS compliance
Functional Description
The Cypress CY14E108L/CY14E108N is a fast static RAM, with
a nonvolatile element in each memory cell. The memory is
organized as 1024K words of 8 bits each or 512K words of 16
bits each. The embedded nonvolatile elements incorporate
QuantumTrap technology, producing the world’s most reliable
nonvolatile memory. The SRAM provides infinite read and write
cycles, while independent nonvolatile data resides in the highly
reliable QuantumTrap cell. Data transfers from the SRAM to the
nonvolatile elements (the STORE operation) takes place
automatically at power down. On power up, data is restored to
the SRAM (the RECALL operation) from the nonvolatile memory.
Both the STORE and RECALL operations are also available
under software control.
A0 - A19
Address
WE
OE
CE
VCC
VSS
VCAP
DQ0 - DQ7
HSB
CY14E108L
BHE
BLE
Logic Block Diagram
[1]
[1]
CY14E108N
Note
1. Address A0 - A19 and Data DQ0 - DQ7 for x8 configuration, Address A0 - A18 and Data DQ0 - DQ15 for x16 configuration.
[+] Feedback


Similar Part No. - CY14E108L-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101I CYPRESS-CY14E101I Datasheet
1Mb / 42P
   1-Mbit (128 K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXI CYPRESS-CY14E101I-SFXI Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14E101I-SFXIT CYPRESS-CY14E101I-SFXIT Datasheet
1Mb / 41P
   1-Mbit (128 K 횞 8) Serial (I2C) nvSRAM with Real Time Clock
More results

Similar Description - CY14E108L-ZS20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B108L CYPRESS-CY14B108L Datasheet
860Kb / 24P
   8 Mbit (1024K x 8/512K x 16) nvSRAM
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B116L CYPRESS-CY14B116L Datasheet
3Mb / 37P
   16-Mbit (2048K 횞 8/1024K 횞 16/512K 횞 32) nvSRAM
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com