Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101L-SP45XC Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B101L-SP45XC
Description  1 Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SP45XC Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B101L-SP45XC Datasheet HTML 1Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 2Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 3Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 4Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 5Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SP45XC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
CY14B101L
Document Number: 001-06400 Rev. *J
Page 2 of 18
Pinouts
Figure 1. Pin Diagram - 32-Pin SOIC and 48-Pin SSOP
Table 1. Pin Definitions
Pin Name
Alt
I/O Type
Description
A0–A16
Input
Address Inputs. Used to select one of the 131,072 bytes of the nvSRAM.
DQ0-DQ7
Input or Output Bidirectional Data IO Lines. Used as input or output lines depending on operation.
WE
W
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the IO
pins is written to the specific address location.
CE
E
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
G
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during
read cycles. Deasserting OE HIGH causes the IO pins to tri-state.
VSS
Ground
Ground for the Device. The device is connected to ground of the system.
VCC
Power Supply
Power Supply Inputs to the Device.
HSB
Input or Output Hardware Store Busy (HSB). When LOW, this output indicates a Hardware Store is in progress.
When pulled low external to the chip, it initiates a nonvolatile STORE operation. A weak internal
pull up resistor keeps this pin high if not connected (connection optional).
VCAP
Power Supply
AutoStore Capacitor. Supplies power to nvSRAM during power loss to store data from SRAM
to nonvolatile elements.
NC
No Connect
No Connect. This pin is not connected to the die.
VCAP
A16
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
VCC
A15
HSB
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
VSS
DQ2
DQ3
DQ4
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
A16
NC
DQ7
DQ6
DQ5
NC
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
VSS
A0
A1
A2
A3
A4
A5
A6
A7
NC
HSB
WE
NC
NC
A8
A9
A10
A11
A12
A13
A14
A15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
Top View
(not to scale)
OE
CE
VCC
VSS
VCAP
NC
NC
NC
NC
NC
NC
NC
NC
NC
[+] Feedback


Similar Part No. - CY14B101L-SP45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SP45XCT CYPRESS-CY14B101L-SP45XCT Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SP45XC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com