Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104KA-ZSP20XI Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B104KA-ZSP20XI
Description  4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104KA-ZSP20XI Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B104KA-ZSP20XI Datasheet HTML 6Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 9Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 10Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 11Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 12Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 13Page - Cypress Semiconductor CY14B104KA-ZSP20XI Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
PRELIMINARY
CY14B104KA, CY14B104MA
Document #: 001-07103 Rev. *J
Page 10 of 31
Table 3. RTC Register Map[9, 10]
Register
BCD Format Data
Function/Range
CY14B104KA CY14B104MA
D7
D6
D5
D4
D3
D2
D1
D0
0x7FFFF
0x3FFFF
10s Years
Years
Years: 00–99
0x7FFFE
0x3FFFE
0
0
0
10s
Months
Months
Months: 01–12
0x7FFFD
0x3FFFD
0
0
10s Day of Month
Day Of Month
Day of Month: 01–31
0x7FFFC
0x3FFFC
0
0
0
0
0
Day of week
Day of week: 01–07
0x7FFFB
0x3FFFB
0
0
10s Hours
Hours
Hours: 00–23
0x7FFFA
0x3FFFA
0
10s Minutes
Minutes
Minutes: 00–59
0x7FFF9
0x3FFF9
0
10s Seconds
Seconds
Seconds: 00–59
0x7FFF8
0x3FFF8
OSCEN
0
Cal
Sign
Calibration
Calibration Values
[11]
0x7FFF7
0x3FFF7
WDS
WDW
WDT
Watchdog [11]
0x7FFF6
0x3FFF6
WIE
AIE
PFE
0
H/L
P/L
0
0
Interrupts [11]
0x7FFF5
0x3FFF5
M
0
10s Alarm Date
Alarm Date
Alarm, Day of
Month: 01–31
0x7FFF4
0x3FFF4
M
0
10s Alarm Hours
Alarm Hours
Alarm, Hours: 00–23
0x7FFF3
0x3FFF3
M
10s Alarm Minutes
Alarm Minutes
Alarm, Minutes:
00–59
0x7FFF2
0x3FFF2
M
10s Alarm Seconds
Alarm Seconds
Alarm, Seconds:
00–59
0x7FFF1
0x3FFF1
10s Centuries
Centuries
Centuries: 00–99
0x7FFF0
0x3FFF0
WDF
AF
PF
OSCF
0
CAL
W
R
Flags[11]
Note
9. 0 - Not implemented, reserved for future use.
10. Upper Byte D15-D8 (CY14B104MA) of RTC registers are reserved for future use
11. This is a binary value, not a BCD value.
[+] Feedback


Similar Part No. - CY14B104KA-ZSP20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104K CYPRESS-CY14B104K Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104K-ZS20XC CYPRESS-CY14B104K-ZS20XC Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B104K-ZS20XCT CYPRESS-CY14B104K-ZS20XCT Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104KA-ZSP20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com