Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14E104K Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY14E104K
Description  4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14E104K Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY14E104K Datasheet HTML 3Page - Cypress Semiconductor CY14E104K Datasheet HTML 4Page - Cypress Semiconductor CY14E104K Datasheet HTML 5Page - Cypress Semiconductor CY14E104K Datasheet HTML 6Page - Cypress Semiconductor CY14E104K Datasheet HTML 7Page - Cypress Semiconductor CY14E104K Datasheet HTML 8Page - Cypress Semiconductor CY14E104K Datasheet HTML 9Page - Cypress Semiconductor CY14E104K Datasheet HTML 10Page - Cypress Semiconductor CY14E104K Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PRELIMINARY
CY14E104K/CY14E104M
Document #: 001-09604 Rev. *H
Page 7 of 28
If the voltage on the backup supply (either VRTCcap or VRTCbat)
falls below their respective minimum level, the oscillator may fail,
leading to the oscillator failed condition which is detected when
system power is restored.
The value of OSCF must be reset to ‘0’ when the time registers
are written for the first time. This initializes the state of this bit
which may have become set when the system was first powered
on.
Calibrating the Clock
The RTC is driven by a quartz controlled oscillator with a nominal
frequency of 32.768 kHz. Clock accuracy depends on the quality
of the crystal, usually specified to 35 ppm limits at 25°C. This
error could equate
to +1.53 minutes per month. The
CY14E104K/CY14E104M employs a calibration circuit that
improves the accuracy to +1/–2 ppm at 25°C. The calibration
circuit adds or subtracts counts from the oscillator divider circuit.
The number of times pulses are suppressed (subtracted,
negative calibration) or split (added, positive calibration)
depends on the value loaded into the five calibration bits found
in the calibration register at 0x1FFF8. Adding counts speeds the
clock up; subtracting counts slows the clock down. The
calibration bits occupy the five lower order bits in the control
register 8. These bits are set to represent any value between 0
and 31 in binary form. Bit D5 is a sign bit, where ‘1’ indicates
positive calibration and ‘0’ indicates negative calibration.
Calibration occurs within a 64 minute cycle. The first 62 minutes
in the cycle may, once per minute, have one second either
shortened by 128 or lengthened by 256 oscillator cycles.
If a binary ‘1’ is loaded into the register, only the first 2 minutes
of the 64 minute cycle are modified; if a binary ‘6’ is loaded, the
first 12 are affected, and so on. Therefore, each calibration step
has the effect of adding 512 or subtracting 256 oscillator cycles
for every 125,829,120 actual oscillator cycles. That is 4.068 or
–2.034 ppm of adjustment for every calibration step in the
calibration register.
To determine how to set the calibration, the CAL bit in the flags
register at 0x1FFF0 is set to ‘1’, which causes the INT pin to
toggle at a nominal 512 Hz. Any deviation measured from the
512 Hz indicates the degree and direction of the required
correction. For example, a reading of 512.010124 Hz indicates
a +20 ppm error, which requires the loading of a –10 (001010)
into the calibration register. Note that setting or changing the
calibration register does not affect the frequency test output
frequency.
Alarm
The alarm function compares user programmed values with the
corresponding time of day values. When a match occurs, the
alarm event occurs. The alarm drives an internal flag, AF, and
may drive the INT pin if desired.
There are four alarm match fields. They are date, hours, minutes,
and seconds. Each of these fields has a match bit that is used to
determine if the field is used in the alarm match logic. Setting the
match bit to ‘0’ indicates that the corresponding field is used in
the match process.
Depending on the match bits, the alarm can occur as specifically
as one particular second on one day of the month, or as
frequently as once per second continuously. The MSB of each
alarm register is a match bit. Selecting none of the match bits (all
1s) indicates that no match is required. The alarm occurs every
second. Setting the match select bit for seconds to ‘0’ causes the
logic to match the seconds alarm value to the current time of day.
Since a match occurs for only one value per minute, the alarm
occurs once per minute. Similarly, setting the seconds and
minutes match bits causes an exact match of these values. Thus,
an alarm occurs once per hour. Setting seconds, minutes, and
hours causes a match once per day. Lastly, selecting all match
values causes an exact time and date match. Selecting other bit
combinations does not produce meaningful results; however, the
alarm circuit must follow the functions described.
There are two ways to detect an alarm event: by reading the AF
flag or by monitoring the INT pin. The AF flag in the flags register
at 0x1FFF0 indicates that a date or time match has occurred.
The AF bit is set to ‘1’ when a match occurs. Reading the flags
or control register clears the alarm flag bit (and all others). A
hardware interrupt pin is used to detect an alarm event.
Watchdog Timer
The watchdog timer is a free running down counter that uses the
32 Hz clock (31.25 ms) derived from the crystal oscillator. The
oscillator must be running for the watchdog to function. It begins
counting down from the value loaded in the watchdog timer
register.
The counter consists of a loadable register and a free running
counter. On power up, the watchdog timeout value in register
0x1FFF7 is loaded into the counter load register. Counting
begins on power up and restarts from the loadable value any time
the Watchdog Strobe (WDS) bit is set to ‘1’. The counter is
compared to the terminal value of 0. If the counter reaches this
value, it causes an internal flag and an optional interrupt output.
The timeout interrupt is prevented by setting WDS bit to ‘1’ before
the counter reaches ‘0’. This causes the counter to reload with
the watchdog timeout value and get restarted. As long as the
WDS bit is set before the counter reaches the terminal value, the
interrupt and flag never occurs.
New timeout values are written by setting the watchdog write bit
to ‘0’. When the WDW is ‘0’ (from the previous operation), new
writes to the watchdog timeout value bits D5–D0 allow the modifi-
cation of timeout values. When WDW is ‘1’, then writes to bits
D5–D0 are ignored. The WDW function allows to set the WDS
bit without concern that the watchdog timer value is modified. A
logical diagram of the watchdog timer is shown in Figure 3 on
page 8. Note that setting the watchdog timeout value to ‘0’ is
otherwise meaningless and as a result, disables the watchdog
function.
The output of the watchdog timer is a flag bit WDF that is set if
the watchdog is allowed to timeout. The flag is set upon a
watchdog timeout and cleared when the flags control register is
read by the user. The user can also enable an optional interrupt
source to drive the INT pin if the watchdog timeout occurs.
[+] Feedback


Similar Part No. - CY14E104K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XCT CYPRESS-CY14E104L-BA15XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XI CYPRESS-CY14E104L-BA15XI Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA15XIT CYPRESS-CY14E104L-BA15XIT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L-BA20XCT CYPRESS-CY14E104L-BA20XCT Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
More results

Similar Description - CY14E104K

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14B104K CYPRESS-CY14B104K Datasheet
905Kb / 33P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com