Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101MA-ZSP20XI Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY14B101MA-ZSP20XI
Description  1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101MA-ZSP20XI Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY14B101MA-ZSP20XI Datasheet HTML 1Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 2Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 3Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 4Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 5Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 6Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 7Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 8Page - Cypress Semiconductor CY14B101MA-ZSP20XI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
PRELIMINARY
CY14B101KA/CY14B101MA
Document #: 001-42880 Rev. *C
Page 2 of 29
Pinouts
Figure 1. Pin Diagram - 44-Pin, 54-Pin TSOP II, and 48-Pin SSOP
Pin Definitions
Pin Name
I/O Type
Description
A0 – A16
Input
Address Inputs Used to Select one of the 131,072 Bytes of the nvSRAM for x8 Configuration.
A0 – A15
Address Inputs Used to Select one of the 65,536 Words of the nvSRAM for x16 Configuration.
DQ0 – DQ7
Input/Output
Bidirectional Data I/O Lines for x8 Configuration. Used as input or output lines depending on
operation.
DQ0 DQ15
Bidirectional Data I/O Lines for x16 Configuration. Used as input or output lines depending on
operation.
NC
No Connect
No Connects. This pin is not connected to the die.
WE
Input
Write Enable Input, Active LOW. When the chip is enabled and WE is LOW, data on the I/O pins is
written to the specific address location.
CE
Input
Chip Enable Input, Active LOW. When LOW, selects the chip. When HIGH, deselects the chip.
OE
Input
Output Enable, Active LOW. The active LOW OE input enables the data output buffers during read
cycles. Deasserting OE HIGH causes the I/O pins to tristate.
BHE
Input
Byte High Enable, Active LOW. Controls DQ15 - DQ8.
BLE
Input
Byte Low Enable, Active LOW. Controls DQ7 - DQ0.
Xout
Output
Crystal Connection. Drives crystal on start up.
Xin
Input
Crystal Connection. For 32.768 kHz crystal.
VRTCcap
Power Supply Capacitor Supplied Backup RTC Supply Voltage. Left unconnected if VRTCbat is used.
VRTCbat
Power Supply Battery Supplied Backup RTC Supply Voltage. Left unconnected if VRTCcap is used.
NC
A8
Xin
Xout
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
44 - TSOP II
A10
VRTCbat
WE
DQ7
HSB
INT
VSS
VCC
VCAP
VRTCcap
(x8)
NC
DQ7
DQ6
DQ5
DQ4
VCC
DQ3
DQ2
DQ1
DQ0
NC
A0
A1
A2
A3
A4
A5
A6
A7
VCAP
WE
A8
A10
A11
A12
A13
A14
A15
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
54 - TSOP II
OE
CE
VCC
INT
VSS
NC
A9
NC
NC
54
53
52
51
49
50
HSB
BHE
BLE
DQ15
DQ14
DQ13
DQ12
VSS
DQ 11
DQ 10
DQ9
DQ8
(x16)
VRTCcap
VRTCbat
Xin
Xout
[6]
[6]
[7]
[7
NC
A8
Xout
Xin
VSS
DQ6
DQ5
DQ4
VCC
A13
DQ3
A12
DQ2
DQ1
DQ0
OE
A9
CE
NC
A0
A1
A2
A3
A4
A5
A6
A11
A7
A14
A15
A16
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
A10
V
RTCbat
WE
DQ7
HSB
INT
VSS
VCC
VCAP
VRTCcap
45
46
47
48
NC
NC
NC
NC
48 - SSOP
(x8)
[5]
[4]
[4]
[5]
Top View
(not to scale)
(not to scale)
(not to scale)
Top View
Top View
Notes
4. Address expansion for 2 Mbit. NC pin not connected to die.
5. Address expansion for 4 Mbit. NC pin not connected to die.
6. Address expansion for 8 Mbit. NC pin not connected to die.
7. Address expansion for 16 Mbit. NC pin not connected to die.
[+] Feedback
[+] Feedback
[+] Feedback


Similar Part No. - CY14B101MA-ZSP20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101MA CYPRESS-CY14B101MA Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B101MA-ZSP20XI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101P CYPRESS-CY14B101P Datasheet
1Mb / 33P
   1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
STK17TA8 CYPRESS-STK17TA8 Datasheet
787Kb / 23P
   128k X 8 AutoStore nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com