Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C29666-24PVXIT Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C29666-24PVXIT
Description  PSoC Programmable System-on-Chip
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C29666-24PVXIT Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C29666-24PVXIT Datasheet HTML 3Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 4Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 5Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 6Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 7Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 8Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 9Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 10Page - Cypress Semiconductor CY8C29666-24PVXIT Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
CY8C29466, CY8C29566
CY8C29666, CY8C29866
Document Number: 38-12013 Rev. *K
Page 7 of 46
7. Document Conventions
7.1 Acronyms Used
This table lists the acronyms used in this data sheet.
7.2 Units of Measure
A units of measure table is located in the section
Electrical Specifications on page 19. Table 11-1 on page 19 lists
all the abbreviations used to measure the PSoC devices.
7.3 Numeric Naming
Hexadecimal numbers are represented with all letters in
uppercase with an appended lowercase ‘h’ (for example, ‘14h’ or
‘3Ah’). Hexadecimal numbers may also be represented by a ‘0x’
prefix, the C coding convention. Binary numbers have an
appended lowercase ‘b’ (for example, 01010100b’ or
‘01000011b’). Numbers not indicated by an ‘h’, ‘b’, or 0x are
decimal.
Table 7-1. Acronyms
Acronym
Description
AC
alternating current
ADC
analog-to-digital converter
API
application programming interface
CPU
central processing unit
CT
continuous time
DAC
digital-to-analog converter
DC
direct current
EEPROM
electrically erasable programmable read-only
memory
FSR
full scale range
GPIO
general purpose IO
ICE
in-circuit emulator
IDE
integrated development environment
IO
input/output
ISSP
in-system serial programming
IPOR
imprecise power on reset
LSb
least-significant bit
LVD
low voltage detect
MSb
most-significant bit
PC
program counter
PGA
programmable gain amplifier
POR
power on reset
PPOR
precision power on reset
PSoC®
Programmable System-on-Chip™
PWM
pulse width modulator
ROM
read only memory
SC
switched capacitor
SMP
switch mode pump
SRAM
static random access memory
[+] Feedback


Similar Part No. - CY8C29666-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C29666-24PVXIT CYPRESS-CY8C29666-24PVXIT Datasheet
474Kb / 40P
   Mixed Signal Array
CY8C29666-24PVXIT CYPRESS-CY8C29666-24PVXIT Datasheet
709Kb / 48P
   PSoC짰 Mixed-Signal Array
CY8C29666-24PVXIT CYPRESS-CY8C29666-24PVXIT Datasheet
668Kb / 49P
   PSoC짰 Mixed-Signal Array
CY8C29666-24PVXIT CYPRESS-CY8C29666-24PVXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C29666-24PVXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com