CY8C27143, CY8C27243
CY8C27443, CY8C27543, CY8C27643
Document Number: 38-12012 Rev. *M
Page 9 of 53
28-Pin Part Pinout
Table 5. Pin Definitions - 28-Pin PDIP, SSOP, SOIC
Pin No.
Type
Pin
Name
Description
Figure 5. CY8C27443 28-Pin PSoC Device
Digital Analog
1
IO
I
P0[7]
Analog column mux input.
2
IO
IO
P0[5]
Analog column mux input and column output.
3
IO
IO
P0[3]
Analog column mux input and column output.
4
IO
I
P0[1]
Analog column mux input.
5
IO
P2[7]
6
IO
P2[5]
7
IO
I
P2[3]
Direct switched capacitor block input.
8
IO
I
P2[1]
Direct switched capacitor block input.
9
Power
SMP
Switch Mode Pump (SMP) connection to external
components required.
10
IO
P1[7]
I2C Serial Clock (SCL).
11
IO
P1[5]
I2C Serial Data (SDA).
12
IO
P1[3]
13
IO
P1[1]
Crystal Input (XTALin), I2C Serial Clock (SCL),
ISSP-SCLK*.
14
Power
Vss
Ground connection.
15
IO
P1[0]
Crystal Output (XTALout), I2C Serial Data (SDA),
ISSP-SDATA*.
16
IO
P1[2]
17
IO
P1[4]
Optional External Clock Input (EXTCLK).
18
IO
P1[6]
19
Input
XRES
Active high external reset with internal pull down.
20
IO
I
P2[0]
Direct switched capacitor block input.
21
IO
I
P2[2]
Direct switched capacitor block input.
22
IO
P2[4]
External Analog Ground (AGND).
23
IO
P2[6]
External Voltage Reference (VRef).
24
IO
I
P0[0]
Analog column mux input.
25
IO
IO
P0[2]
Analog column mux input and column output.
26
IO
IO
P0[4]
Analog column mux input and column output.
27
IO
I
P0[6]
Analog column mux input.
28
Power
Vdd
Supply voltage.
LEGEND: A = Analog, I = Input, and O = Output.
* These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programma-
ble System-on-Chip Technical Reference Manual for details.
A, I,P0[7]
A,IO, P0[5]
A,IO, P0[3]
A,I, P0[1]
P2[7]
P2[5]
A,I, P2[3]
A, I,P2[1]
SMP
I2CSCL,P1[7]
I2CSDA,P1[5]
P1[3]
I2CSCL,XTALin,P1[1]
Vss
Vdd
P0[6], A,I
P0[4], A,IO
P0[2], A,IO
P0[0], A,I
P2[6],ExternalVRef
P2[4],ExternalAGND
P2[2], A,I
P2[0], A,I
XRES
P1[6]
P1[4],EXTCLK
P1[2]
P1[0],XTALout,I2CSDA
PDIP
SSOP
SOIC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
[+] Feedback