Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101L-SP25XIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B101L-SP25XIT
Description  1 Mbit (128K x 8) nvSRAM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101L-SP25XIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B101L-SP25XIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 13Page - Cypress Semiconductor CY14B101L-SP25XIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CY14B101L
Document Number: 001-06400 Rev. *J
Page 10 of 18
SRAM Write Cycle
Parameter
Description
25 ns
35 ns
45 ns
Unit
Min
Max
Min
Max
Min
Max
Cypress
Parameter
Alt
tWC
tAVAV
Write Cycle Time
25
35
45
ns
tPWE
tWLWH, tWLEH
Write Pulse Width
20
25
30
ns
tSCE
tELWH, tELEH
Chip Enable To End of Write
20
25
30
ns
tSD
tDVWH, tDVEH
Data Setup to End of Write
10
12
15
ns
tHD
tWHDX, tEHDX
Data Hold After End of Write
0
0
0
ns
tAW
tAVWH, tAVEH
Address Setup to End of Write
20
25
30
ns
tSA
tAVWL, tAVEL
Address Setup to Start of Write
0
0
0
ns
tHA
tWHAX, tEHAX
Address Hold After End of Write
0
0
0
ns
tHZWE
[9,11]
tWLQZ
Write Enable to Output Disable
10
13
15
ns
tLZWE
[9]
tWHQX
Output Active After End of Write
3
3
3
ns
Switching Waveforms
Figure 7. SRAM Write Cycle 1: WE Controlled [11, 12]
Figure 8. SRAM Write Cycle 2: CE and OE Controlled [11, 12]
tWC
tSCE
tHA
tAW
tSA
tPWE
tSD
tHD
tHZWE
tLZWE
ADDRESS
CE
WE
DATA IN
DATA OUT
DATA VALID
HIGH IMPEDANCE
PREVIOUS DATA
tWC
ADDRESS
tSA
tSCE
tHA
tAW
tPWE
tSD
tHD
CE
WE
DATA IN
DATA OUT
HIGH IMPEDANCE
DATA VALID
Notes
11. If WE is Low when CE goes Low, the outputs remain in the high impedance state.
12. CE or WE must be greater than VIH during address transitions.
[+] Feedback


Similar Part No. - CY14B101L-SP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101L-SP25XCT CYPRESS-CY14B101L-SP25XCT Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
More results

Similar Description - CY14B101L-SP25XIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14E101LA CYPRESS-CY14E101LA Datasheet
602Kb / 19P
   1 Mbit (128K x 8) nvSRAM
CY14B101L CYPRESS-CY14B101L Datasheet
1Mb / 18P
   1-Mbit (128K x 8) nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101Q1 CYPRESS-CY14B101Q1 Datasheet
1Mb / 22P
   1 Mbit (128K x 8) Serial SPI nvSRAM
CY14B101LA CYPRESS-CY14B101LA Datasheet
810Kb / 24P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101LA_1107 CYPRESS-CY14B101LA_1107 Datasheet
1Mb / 28P
   1 Mbit (128K x 8/64K x 16) nvSRAM
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14E102L CYPRESS-CY14E102L Datasheet
634Kb / 21P
   2-Mbit (256K x 8/128K x 16) nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com