Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B104M Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY14B104M
Description  4 Mbit (512K x 8/256K x 16) nvSRAM with Real Time Clock
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B104M Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY14B104M Datasheet HTML 1Page - Cypress Semiconductor CY14B104M Datasheet HTML 2Page - Cypress Semiconductor CY14B104M Datasheet HTML 3Page - Cypress Semiconductor CY14B104M Datasheet HTML 4Page - Cypress Semiconductor CY14B104M Datasheet HTML 5Page - Cypress Semiconductor CY14B104M Datasheet HTML 6Page - Cypress Semiconductor CY14B104M Datasheet HTML 7Page - Cypress Semiconductor CY14B104M Datasheet HTML 8Page - Cypress Semiconductor CY14B104M Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
CY14B104K, CY14B104M
4-Mbit (512 K × 8/256 K × 16) nvSRAM
with Real Time Clock
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document #: 001-07103 Rev. *S
Revised January 21, 2011
Features
25 ns and 45 ns access times
Internally organized as 512 K × 8 (CY14B104K) or 256 K × 16
(CY14B104M)
Hands off automatic STORE on power-down with only a small
capacitor
STORE to QuantumTrap nonvolatile elements is initiated by
software, device pin, or AutoStore on power-down
RECALL to SRAM is initiated by software or power-up
High reliability
Infinite read, write, and RECALL cycles
1 million STORE cycles to QuantumTrap
20 year data retention
Single 3-V +20%, –10% operation
Data integrity of Cypress nvSRAM combined with full-featured
real time clock (RTC)
Watchdog timer
Clock alarm with programmable interrupts
Capacitor or battery backup for RTC
Industrial temperature
44-pin and 54-pin thin small outline package (TSOP II)
Pb-free and restriction of hazardous substances (RoHS)
compliant
Functional Description
The Cypress CY14B104K and CY14B104M combines a 4-Mbit
nonvolatile static RAM (nvSRAM) with a full-featured RTC in a
monolithic integrated circuit. The embedded nonvolatile
elements incorporate QuantumTrap technology producing the
world’s most reliable nonvolatile memory. The SRAM is read and
written infinite number of times, while independent nonvolatile
data resides in the nonvolatile elements.
The RTC function provides an accurate clock with leap year
tracking and a programmable, high accuracy oscillator. The
alarm function is programmable for periodic minutes, hours,
days, or months alarms. There is also a programmable watchdog
timer for process control.
STATIC RAM
ARRAY
2048 X 2048
R
O
W
D
E
C
O
D
E
R
COLUMN I/O
COLUMN DEC
I
N
P
U
T
B
U
F
F
E
R
S
POWER
CONTROL
STORE/RECALL
CONTROL
Quatrum
Trap
2048 X 2048
STORE
RECALL
VCC
VCA
P
HSB
A
9 A10 A11 A12 A13 A14 A15 A16
SOFTWARE
DETECT
A
14 -A2
OE
CE
WE
BHE
BLE
A
0
A
1
A
2
A3
A
4
A
5
A6
A
7
A
8
A
17
A
18
DQ0
DQ
1
DQ
2
DQ
3
DQ
4
DQ5
DQ
6
DQ7
DQ
8
DQ9
DQ
10
DQ
11
DQ
12
DQ
13
DQ
14
DQ
15
RTC
MUX
A
18-A0
X
out
Xin
INT
VRTCbat
VRTCcap
Logic Block Diagram[1, 2, 3]
Notes
1. Address A0 - A18 for ×8 configuration and Address A0 - A17 for ×16 configuration.
2. Data DQ0 - DQ7 for ×8 configuration and Data DQ0 - DQ15 for ×16 configuration.
3. BHE and BLE are applicable for ×16 configuration only.
[+] Feedback
[+] Feedback


Similar Part No. - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M CYPRESS-CY14B104M Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP25XI CYPRESS-CY14B104M-ZSP25XI Datasheet
1Mb / 33P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
CY14B104M-ZSP25XI CYPRESS-CY14B104M-ZSP25XI Datasheet
1Mb / 35P
   4-Mbit (512 K x 8/256 K x 16) nvSRAM with Real Time Clock 25 ns and 45 ns access times
CY14B104M-ZSP25XI CYPRESS-CY14B104M-ZSP25XI Datasheet
1Mb / 34P
   4-Mbit (512 K 횞 8/256 K 횞 16) nvSRAM with Real Time Clock
More results

Similar Description - CY14B104M

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B104KA CYPRESS-CY14B104KA Datasheet
1,000Kb / 31P
   4 Mbit (512K x 8/256K x 16) nvSRAM with Real-Time-Clock
CY14E104K CYPRESS-CY14E104K Datasheet
732Kb / 28P
   4 Mbit (512K x 8 / 256K x 16) nvSRAM with Real-Time-Clock
CY14B108K CYPRESS-CY14B108K Datasheet
1Mb / 29P
   8 Mbit (1024K x 8/512K x 16) nvSRAM with Real Time Clock
CY14B104L CYPRESS-CY14B104L_08 Datasheet
664Kb / 22P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L_09 Datasheet
797Kb / 25P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14E104L CYPRESS-CY14E104L Datasheet
649Kb / 22P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B104L CYPRESS-CY14B104L Datasheet
415Kb / 21P
   4-Mbit (512K x 8/256K x 16) nvSRAM
CY14B104LA CYPRESS-CY14B104LA Datasheet
863Kb / 23P
   4 Mbit (512K x 8/256K x 16) nvSRAM
CY14B101KA CYPRESS-CY14B101KA_11 Datasheet
1Mb / 34P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
CY14B101KA CYPRESS-CY14B101KA Datasheet
972Kb / 29P
   1 Mbit (128K x 8/64K x 16) nvSRAM with Real Time Clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com