Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY14B101P-SFXIT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # CY14B101P-SFXIT
Description  1 Mbit (128K x 8) Serial SPI nvSRAM with Real Time Clock
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY14B101P-SFXIT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button CY14B101P-SFXIT Datasheet HTML 6Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 7Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 8Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 9Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 10Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 11Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 12Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 13Page - Cypress Semiconductor CY14B101P-SFXIT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
PRELIMINARY
CY14B101P
Document #: 001-44109 Rev. *C
Page 10 of 33
WP pin can be used along with WPEN and Block Protect bits
(BP1 and BP0) of the status register to inhibit writes to memory.
When WP pin is LOW and WPEN is set to “1”, any modifications
to status register are disabled. Therefore, the memory is
protected by setting the BP0 and BP1 bits and the WP pin inhibits
any modification of the status register bits, providing hardware
write protection.
Note WP going LOW when CS is still LOW has no effect on any
of the ongoing write operations to the status register.
Table 6 summarizes all the protection features provided in the
CY14B101P.
Memory Access
All memory accesses are done using the READ and WRITE
instructions. These instructions cannot be used while a STORE
or RECALL cycle is in progress. A STORE cycle in progress is
indicated by the RDY bit of the status register and the HSB pin.
Read Sequence (READ)
The read operations on CY14B101P are performed by giving the
instruction on Serial Input pin (SI) and reading the output on
Serial Output (SO) pin. The following sequence needs to be
followed for a read operation: After the CS line is pulled LOW to
select a device, the read opcode is transmitted through the SI
line followed by three bytes of address. The Most Significant
address byte contains A16 in bit 0 and other bits as don’t cares.
Address bits A15 to A0 are sent in the following two address
bytes. After the last address bit is transmitted on the SI pin, the
data (D7-D0) at the specific address is shifted out on the SO line
on the falling edge of SCK. Any other data on SI line after the last
address bit is ignored.
CY14B101P allows reads to be performed in bursts through SPI
which can be used to read consecutive addresses without
issuing a new READ instruction. If only one byte is to be read,
the CS line must be driven HIGH after one byte of data comes
out. However, the read sequence may be continued by holding
the CS line LOW and the address is automatically incremented
and data continues to shift out on SO pin. When the last data
memory address (0x1FFFF) is reached, the address rolls over to
0x0000 and the device continues to read.
Write Sequence (WRITE)
The write operations on CY14B101P are performed through the
Serial Input (SI) pin. To perform a write operation CY14B101P, if
the device is write disabled, then the device must first be write
enabled through the WREN instruction. When the writes are
enabled (WEN = ‘1’), WRITE instruction is issued after the falling
edge of CS. A WRITE instruction constitutes transmitting the
WRITE opcode on SI line followed by 3-bytes address sequence
and the data (D7-D0) which is to be written. The Most Significant
address byte contains A16 in bit 0 with other bits being don’t
cares. Address bits A15 to A0 are sent in the following two
address bytes.
CY14B101P allows writes to be performed in bursts through SPI
which can be used to write consecutive addresses without
issuing a new WRITE instruction. If only one byte is to be written,
the CS line must be driven HIGH after the D0 (LSB of data) is
transmitted. However, if more bytes are to be written, CS line
must be held LOW and address incremented automatically. The
following bytes on the SI line are treated as data bytes and
written in the successive addresses. When the last data memory
address (0x1FFFF) is reached, the address rolls over to 0x0000
and the device continues to write.
The WEN bit is reset to “0” on completion of a WRITE sequence.
Table 6. Write Protection Operation
WPEN
WP
WEN Protected
Blocks
Unprotected
Blocks
Status
Register
X
X
0
Protected
Protected
Protected
0
X
1
Protected
Writable
Writable
1
LOW
1
Protected
Writable
Protected
1
HIGH
1
Protected
Writable
Writable
Figure 10. Read Instruction Timing
CS
SCK
SO
0123 45
6 7
0
7
6
5
4
3
2
1
20 21 22 23 0123 45
67
MSB
LSB
Data
SI
Op-Code
0 0 0 0 001
00 0 0 0
0
1
0
A16
A3
A1
A2
A0
17-bit Address
MSB
LSB
D0
D1
D2
D3
D4
D5
D6
D7
[+] Feedback


Similar Part No. - CY14B101P-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101P-SFXIT CYPRESS-CY14B101P-SFXIT Datasheet
934Kb / 36P
   1-Mbit (128 K 횞 8) Serial SPI nvSRAM with Real Time Clock
CY14B101P-SFXIT CYPRESS-CY14B101P-SFXIT Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
More results

Similar Description - CY14B101P-SFXIT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY14B101K CYPRESS-CY14B101K_09 Datasheet
796Kb / 28P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14B101K_0711 CYPRESS-CY14B101K_0711 Datasheet
717Kb / 24P
   1 Mbit (128K x 8) nvSRAM With Real Time Clock
CY14C101I CYPRESS-CY14C101I Datasheet
2Mb / 42P
   1 Mbit (128K x 8) Serial (I2C) nvSRAM with Real Time Clock
CY14B101K CYPRESS-CY14B101K Datasheet
1Mb / 24P
   1 Mbit (128K x 8) nvSRAM With Real-Time Clock
CY14C101PA_1105 CYPRESS-CY14C101PA_1105 Datasheet
1Mb / 44P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14B101P CYPRESS-CY14B101P_13 Datasheet
1Mb / 36P
   1-Mbit (128 K x 8) Serial SPI nvSRAM with Real Time Clock
CY14C101PA CYPRESS-CY14C101PA_13 Datasheet
1Mb / 43P
   1-Mbit (128 K x 8) Serial (SPI) nvSRAM with Real Time Clock
CY14V101PS CYPRESS-CY14V101PS Datasheet
1Mb / 67P
   1-Mbit (128K 횞 8) Quad SPI nvSRAM with Real Time Clock
CY14B101PA_1107 CYPRESS-CY14B101PA_1107 Datasheet
1Mb / 35P
   1-Mbit (128 K x 8) Automotive Serial (SPI) nvSRAM with Real Time Clock
CY14B101Q1 CYPRESS-CY14B101Q1_10 Datasheet
914Kb / 24P
   1 Mbit (128K x 8) Serial SPI nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com