Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008EDC-5PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LT3008EDC-5PBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008EDC-5PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3008EDC-5PBF Datasheet HTML 2Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 3Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 4Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 5Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 6Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 7Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 8Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 9Page - Linear Technology LT3008EDC-5PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LT3008 Series
6
3008fa
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LT3008 regulators are tested and specified under pulse load
conditions such that TJ
≅ TA. The LT3008E is 100% tested at TA=25°C.
Performance at – 40°C and 125°C is assured by design, characterization
and correlation with statistical process controls. The LT3008I is guaran-
teed over the full – 40°C to 125°C operating junction temperature range.
Note 3: The LT3008 adjustable version is tested and specified for these
conditions with the ADJ pin connected to the OUT pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply
for all possible combinations of input voltage and output current. When
operating at the maximum input voltage, the output current range must be
limited. When operating at the maximum output current, the input voltage
must be limited.
Note 5: Dropout voltage is the minimum input to output voltage
differential needed to maintain regulation at a specified output current. In
dropout, the output voltage equals (VIN – VDROPOUT). For the LT3008-1.2
and LT3008-1.5, dropout voltage will be limited by the minimum input
voltage.
Note 6: To satisfy minimum input voltage requirements, the LT3008
adjustable version is tested and specified for these conditions with an
external resistor divider (61.9k bottom, 280k top) which sets VOUT to 3.3V.
The external resistor divider adds 9.69μA of DC load on the output. This
external current is not factored into GND pin current.
Note 7: GND pin current is tested with VIN = VOUT(NOMINAL) + 0.55V and
a current source load. GND pin current will increase in dropout. For the
fixed output voltage versions, an internal resistor divider will add about
1μA to the GND pin current. See the GND Pin Current curves in the Typical
Performance Characteristics section.
Note 8: The SHDN pin can be driven below GND only when tied to the IN
pin directly or through a pull-up resistor. If the SHDN pin is driven below
GND by more than –0.3V while IN is powered, the output will turn on.
Note 9: Output noise is listed for the adjustable version with the ADJ pin
connected to the OUT pin. See the RMS Output Noise vs Load Current
curve in the Typical Performance Characteristics Section.
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TJ = 25°C. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Current Limit
VIN = 45V, VOUT = 0
VIN = VOUT(NOMINAL) + 1V,
ΔVOUT = –5%
l
22
75
mA
mA
Input Reverse-Leakage Current
VIN = –45V, VOUT = 0
l
130
μA
Reverse-Output Current
VOUT = 1.2V, VIN = 0
0.6
10
μA


Similar Part No. - LT3008EDC-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008EDC-PBF LINER-LT3008EDC-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008EDC-TR LINER-LT3008EDC-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008EDC-TRPBF LINER-LT3008EDC-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008EDC-5PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com