Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED03D02 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY8CLED03D02
Description  PowerPSoC Intelligent LED Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED03D02 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY8CLED03D02 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 9Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 10Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 11Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 12Page - Cypress Semiconductor CY8CLED03D02 Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
CY8CLED04D01, CY8CLED04D02
CY8CLED04G01, CY8CLED03D01
CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
Document Number: 001-46319 Rev. *G
Page 9 of 52
4.2 Low Side N-Channel FETs
The internal low side N-Channel FETs are designed to enhance
system integration. The low side N-Channel FETs include the
following key features:
Drive capability up to 1A
Switching times of 20 ns (rise and fall times) to ensure high
efficiency (more than 90%)
Drain source voltage rating 32V
Low RDS(ON) to ensure high efficiency
Switching frequency up to 2 MHz
4.3 External Gate Drivers
These gate drivers enable the use of external FETs with higher
current capabilities or lower RDS(ON). The external gate drivers
directly drive MOSFETS that are used in switching applications.
The gate driver provides multiple programmable drive strength
steps to enable improved EMI management. The external gate
drivers include the following key features.
Programmable drive strength options (25%, 50%, 75%, 100%)
for EMI management
Rise and fall times at 55 ns with 4 nF load
4.4 Dimming Modulation Schemes
There are three dimming modulation schemes available with the
PowerPSoC. The configurable modulation schemes are:
Precise Intensity Signal Modulation (PrISM)
Delta Sigma Modulation Mode (DMM)
Pulse Width Modulation (PWM)
4.4.1 PrISM Mode Configuration
High resolution operation up to 16 bits
Dedicated PrISM module enables customers to use core PSoC
digital blocks for other needs
Clocking up to 48 MHz
Selectable output signal density
Reduced EMI
The PrISM mode compares the output of a pseudo-random
counter with a signal density value. The comparator output
asserts when the count value is less than or equal to the value
in the signal density register.
4.4.2 DMM Mode Configuration
High resolution operation up to 16 bits
Configurable output frequency and delta sigma modulator
width to trade off repeat rates versus resolution
Dedicated DMM module enables customers to use PSoC
digital blocks for other uses
Clocking up to 48 MHz
The DMM modulator consists of a 12-bit PWM block and a 4-bit
DSM (Delta Sigma Modulator) block. The width of the PWM, the
width of the DMM, and the clock defines the output frequency.
The duty cycle of the PWM output is dithered by using the DSM
block which has a user selectable resolution up to 4 bits.
4.4.3 PWM Mode Configuration
High resolution operation up to 16 bits
User programmable period from 1 to 65535 clocks
Dedicated PWM module enables customers to use core PSoC
digital blocks for other use
Interrupt on rising edge of the output or terminal count
Precise PWM phase control to manage system current edges
Phase synchronization among the four channels
PWM output can be aligned to left, right, or center
The PWM features a down counter and a pulse width register. A
comparator output is asserted when the count value is less than
or equal to the value in the pulse width register.
4.5 Current Sense Amplifier
Four high side current sense amplifiers provide a differential
sense capability to sense the voltage across current sense
resistors in lighting systems. The current sense amplifier
includes the following key features:
Operation with high common mode voltage to 32V
High common mode rejection ratio
Programmable bandwidth to optimize system noise immunity
An off-chip resistor Rsense is used for high side current
measurement as shown in Figure 4-3 on page 10. The output of
the current sense amplifier goes to the Power Peripherals
Analog Multiplexer where the user selects which hysteretic
controller to route to. Table 4-1 illustrates example values of
Rsense for different currents.
Table 4-1. Rsense Values for Different Currents
Max Load Current (mA)
Typical Rsense (mΩ)
1000
100
750
130
500
200
350
300
[+] Feedback


Similar Part No. - CY8CLED03D02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED03D02 CYPRESS-CY8CLED03D02 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D02 CYPRESS-CY8CLED03D02 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED03D02-56LTXI CYPRESS-CY8CLED03D02-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED03D02

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED04D01 CYPRESS-CY8CLED04D01_11 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED02D01-56LTXI CYPRESS-CY8CLED02D01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com