Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1570KV18-400BZXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY7C1570KV18-400BZXI
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1570KV18-400BZXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY7C1570KV18-400BZXI Datasheet HTML 3Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 4Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 5Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 6Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 7Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 8Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 9Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 10Page - Cypress Semiconductor CY7C1570KV18-400BZXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
PRELIMINARY
CY7C1566KV18, CY7C1577KV18
CY7C1568KV18, CY7C1570KV18
Document Number: 001-15880 Rev. *D
Page 7 of 28
DOFF
Input
PLL Turn Off
− Active LOW. Connecting this pin to ground turns off the PLL inside the device. The timing
in the PLL turned off operation differs from those listed in this data sheet. For normal operation, this pin
can be connected to a pull up through a 10 K
Ω or less pull up resistor. The device behaves in DDR-I
mode when the PLL is turned off. In this mode, the device can be operated at a frequency of up to 167
MHz with DDR-I timing.
TDO
Output
TDO for JTAG
TCK
Input
TCK Pin for JTAG
TDI
Input
TDI Pin for JTAG
TMS
Input
TMS Pin for JTAG
NC
N/A
Not Connected to the Die. Can be tied to any voltage level.
NC/144M
Input
Not Connected to the Die. Can be tied to any voltage level.
NC/288M
Input
Not Connected to the Die. Can be tied to any voltage level.
VREF
Input-
Reference
Reference Voltage Input. Static input used to set the reference level for HSTL inputs, outputs, and AC
measurement points.
VDD
Power Supply Power supply Inputs to the Core of the Device
VSS
Ground
Ground for the Device
VDDQ
Power Supply Power Supply Inputs for the Outputs of the Device
Pin Definitions (continued)
Pin Name
IO
Pin Description
[+] Feedback


Similar Part No. - CY7C1570KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1570KV18-400BZXI CYPRESS-CY7C1570KV18-400BZXI Datasheet
921Kb / 31P
   72-Mbit DDR II SRAM 2-Word Burst Architecture (2.5 Cycle Read Latency)
More results

Similar Description - CY7C1570KV18-400BZXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com