Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20X96 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C20X96
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20X96 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C20X96 Datasheet HTML 4Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 5Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 6Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 7Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 8Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 9Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 10Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 11Page - Cypress Semiconductor CY8C20X96 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
CY8C20X36/46/66/96
Document Number: 001-12696 Rev. *E
Page 8 of 39
Pinouts
The CY8C20x36/46/66/96 PSoC device is available in a variety of packages which are listed and illustrated in the following tables.
Every port pin (labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, Vss, Vdd, and XRES
are not capable of Digital I/O.
16-Pin QFN (No E-Pad)
Table 2. Pin Definitions - CY8C20236, CY8C20246 PSoC Device [2]
Pin
No.
Type
Name
Description
Figure 2. CY8C20236, CY8C20246 PSoC Device
Digital
Analog
1
I/O
I
P2[5] Crystal output (XOut)
2
I/O
I
P2[3] Crystal input (XIn)
3
IOHR
I
P1[7] I2C SCL, SPI SS
4
IOHR
I
P1[5] I2C SDA, SPI MISO
5
IOHR
I
P1[3] SPI CLK
6
IOHR
I
P1[1] ISSP CLK[1], I2C SCL, SPI
MOSI
7
Power
Vss
Ground connection
8
IOHR
I
P1[0] ISSP DATA[1], I2C SDA, SPI
CLK
9
IOHR
I
P1[2]
10
IOHR
I
P1[4] Optional external clock
(EXTCLK)
11
Input
XRES Active high external reset with
internal pull down
12
IOH
I
P0[4]
13
Power
Vdd
Supply voltage
14
IOH
I
P0[7]
15
IOH
I
P0[3] Integrating input
16
IOH
I
P0[1] Integrating input
LEGEND A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive, R = Regulated Output.
QFN
(Top View)
AI, XOut, P2[5]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
1
2
3
4
11
10
9
P0[4], AI
P1[2], AI
AI, XIn, P2[3]
P1[4], EXTCLK, AI
XRES
12
Notes
1. These are the ISSP pins, which are not High Z at POR (Power On Reset).
2. During power up or reset event, device P1[1] and P1[0] may disturb the I2C bus. Use alternate pins if you encounter any issues.
[+] Feedback


Similar Part No. - CY8C20X96

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X96 CYPRESS-CY8C20X96 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X96A CYPRESS-CY8C20X96A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X96A CYPRESS-CY8C20X96A Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
More results

Similar Description - CY8C20X96

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com