Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1520KV18-167BZXC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY7C1520KV18-167BZXC
Description  72-Mbit DDR-II SRAM 2-Word Burst Architecture
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1520KV18-167BZXC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY7C1520KV18-167BZXC Datasheet HTML 1Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 2Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 3Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 4Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 5Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 6Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 7Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 8Page - Cypress Semiconductor CY7C1520KV18-167BZXC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
72-Mbit DDR-II SRAM 2-Word
Burst Architecture
CY7C1516KV18, CY7C1527KV18
CY7C1518KV18, CY7C1520KV18
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-00437 Rev. *E
Revised March 30, 2009
Features
72-Mbit Density (8M x 8, 8M x 9, 4M x 18, 2M x 36)
333 MHz Clock for High Bandwidth
2-word Burst for reducing Address Bus Frequency
Double Data Rate (DDR) Interfaces
(data transferred at 666 MHz) at 333 MHz
Two Input Clocks (K and K) for precise DDR Timing
SRAM uses rising edges only
Two Input Clocks for Output Data (C and C) to minimize Clock
Skew and Flight Time mismatches
Echo Clocks (CQ and CQ) simplify Data Capture in High Speed
Systems
Synchronous Internally Self-timed Writes
DDR-II operates with 1.5 Cycle Read Latency when DOFF is
asserted HIGH
Operates similar to DDR-I Device with 1 Cycle Read Latency
when DOFF is asserted LOW
1.8V Core Power Supply with HSTL Inputs and Outputs
Variable Drive HSTL Output Buffers
Expanded HSTL Output Voltage (1.4V–VDD)
Supports both 1.5V and 1.8V IO supply
Available in 165-Ball FBGA Package (13 x 15 x 1.4 mm)
Offered in both Pb-free and non Pb-free Packages
JTAG 1149.1 compatible Test Access Port
Phase Locked Loop (PLL) for Accurate Data Placement
Configurations
CY7C1516KV18 – 8M x 8
CY7C1527KV18 – 8M x 9
CY7C1518KV18 – 4M x 18
CY7C1520KV18 – 2M x 36
Functional Description
The CY7C1516KV18, CY7C1527KV18, CY7C1518KV18, and
CY7C1520KV18 are 1.8V Synchronous Pipelined SRAM
equipped with DDR-II architecture. The DDR-II consists of an
SRAM core with advanced synchronous peripheral circuitry and
a 1-bit burst counter. Addresses for read and write are latched
on alternate rising edges of the input (K) clock. Write data is
registered on the rising edges of both K and K. Read data is
driven on the rising edges of C and C if provided, or on the rising
edge of K and K if C/C are not provided. Each address location
is associated with two 8-bit words in the case of CY7C1516KV18
and two 9-bit words in the case of CY7C1527KV18 that burst
sequentially into or out of the device. The burst counter always
starts with a “0” internally in the case of CY7C1516KV18 and
CY7C1527KV18. On CY7C1518KV18 and CY7C1520KV18, the
burst counter takes in the least significant bit of the external
address and bursts two 18-bit words in the case of
CY7C1518KV18 and two 36-bit words in the case of
CY7C1520KV18 sequentially into or out of the device.
Asynchronous inputs include an output impedance matching
input (ZQ). Synchronous data outputs (Q, sharing the same
physical pins as the data inputs D) are tightly matched to the two
output echo clocks CQ/CQ, eliminating the need for separately
capturing data from each individual DDR SRAM in the system
design. Output data clocks (C/C) enable maximum system
clocking and data synchronization flexibility.
All synchronous inputs pass through input registers controlled by
the K or K input clocks. All data outputs pass through output
registers controlled by the C or C (or K or K in a single clock
domain) input clocks. Writes are conducted with on-chip
synchronous self-timed write circuitry.
Table 1. Selection Guide
Description
333 MHz
300 MHz
250 MHz
200 MHz
167 MHz
Unit
Maximum Operating Frequency
333
300
250
200
167
MHz
Maximum Operating Current
x8
510
480
420
370
340
mA
x9
510
480
420
370
340
x18
520
490
430
380
340
x36
640
600
530
450
400
[+] Feedback


Similar Part No. - CY7C1520KV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1520KV18-167BZXC CYPRESS-CY7C1520KV18-167BZXC Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
More results

Similar Description - CY7C1520KV18-167BZXC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1516JV18 CYPRESS-CY7C1516JV18 Datasheet
629Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1566KV18 CYPRESS-CY7C1566KV18 Datasheet
834Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516JV18 CYPRESS-CY7C1516JV18_09 Datasheet
666Kb / 26P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18 Datasheet
1Mb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_09 Datasheet
1Mb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516V18 CYPRESS-CY7C1516V18 Datasheet
673Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516AV18 CYPRESS-CY7C1516AV18_07 Datasheet
691Kb / 30P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1516KV18 CYPRESS-CY7C1516KV18_11 Datasheet
1Mb / 33P
   72-Mbit DDR II SRAM 2-Word Burst Architecture
CY7C2566KV18 CYPRESS-CY7C2566KV18 Datasheet
837Kb / 28P
   72-Mbit DDR-II SRAM 2-Word Burst Architecture
CY7C1522AV18 CYPRESS-CY7C1522AV18_07 Datasheet
686Kb / 30P
   72-Mbit DDR-II SIO SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com