Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8CLED04G01 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8CLED04G01
Description  PowerPSoC Intelligent LED Driver
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8CLED04G01 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8CLED04G01 Datasheet HTML 1Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 2Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 3Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 4Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 5Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 6Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 7Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 8Page - Cypress Semiconductor CY8CLED04G01 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
CY8CLED04D01, CY8CLED04D02
CY8CLED04G01, CY8CLED03D01
CY8CLED03D02, CY8CLED03G01
CY8CLED02D01, CY8CLED01D01
PowerPSoC® Intelligent LED Driver
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-46319 Rev. *G
Revised July 20, 2009
1. Features
■ Integrated Power Peripherals
❐ Four internal 32V low side N-Channel power
FETs
•RDS(ON)– 0.5Ω for 1.0A devices
• Up to 2 MHz configurable switching frequency
❐ Four hysteretic controllers
• Independently programmable upper and
lower thresholds
• Programmable minimum on/off timers
❐ Four low side gate drivers with programmable
drive strength
❐ Four precision high side current sense amplifiers
❐ Three 16-bit LED dimming modulators: PrISM,
DMM, and PWM
❐ Six fast response (100 ns) voltage comparators
❐ Six 8-bit reference DACs
❐ Built-in switching regulator eliminates external
5V supply
❐ Multiple topologies including floating load buck,
floating load buck-boost, and boost
■ M8C CPU Core
❐ Processor speeds up to 24 MHz
■ Advanced Peripherals (PSoC® Blocks)
❐ Capacitive sensing application capability
❐ DMX512 interface
❐ DALI interface
❐ I2C master or slave
❐ Full-duplex UARTs
❐ Multiple SPI masters or slaves
❐ Integrated temperature sensor
❐ Up to 12-bit ADCs
❐ 6 to 12-bit incremental ADCs
❐ Up to 9-bit DACs
❐ Programmable gain amplifiers
❐ Programmable filters and comparators
❐ 8 to 32-bit timers and counters
❐ Complex peripherals by combining blocks
❐ Configurable to all GPIO pins
■ Programmable Pin Configurations
❐ 25 mA sink on all GPIO and function pins
❐ Pull up, pull down, high Z, strong, or open drain
drive modes on all GPIO and function pins
❐ Up to 10 analog inputs on GPIO
❐ Two 30 mA analog outputs on GPIO
❐ Configurable interrupt on all GPIO
■ Flexible On-chip Memory
❐ 16K Flash program storage 50,000 erase and
write cycles
❐ 1K SRAM data storage
❐ In-System Serial Programming (ISSP)
❐ Partial Flash updates
❐ Flexible protection modes
❐ EEPROM emulation in Flash
■ Complete Development Tools
❐ Free development software: PSoC Designer
5.0™
❐ Full featured, In-Circuit Emulator and Program-
mer
❐ Full speed emulation
❐ Complex breakpoint structure
❐ 128 kBytes trace memory
■ Visual Embedded Design
❐ LED based express drivers
❐ Binning compensation
❐ Temperature feedback
■ Applications
❐ Stage LED lighting
❐ Architectural LED lighting
❐ General purpose LED lighting
❐ Automotive and emergency vehicle LED lighting
❐ Landscape LED lighting
❐ Display LED lighting
❐ Effects LED lighting
❐ Signage LED lighting
■ Device Options
❐ CY8CLED04D0x
• Four internal FETs with 0.5A and 1.0A options
• Four external gate drivers
❐ CY8CLED04G01
• Four external gate drivers
❐ CY8CLED03D0x
• Three internal FETs with 0.5A and 1.0A
options
• Three external gate drivers
❐ CY8CLED03G01
• Three external gate drivers
❐ CY8CLED02D01
• Two 1.0A internal FETs
• Two external gate drivers
❐ CY8CLED01D01
• One 1.0A internal FET
• One external gate driver
■ 56-pin QFN Package
Figure 1-1. PowerPSoC Architectural Block Diagram
DIGITAL SYSTEM
ANALOG SYSTEM
SRAM
(1 K bytes)
Interrupt
Controller
Sleep and
Watchdog
Multiple Clock Sources
Internal Low Speed
Oscillator( ILO)
Global Digital Interconnect
Global Analog Interconnect
24 MHz Internal Main
Oscillator(IMO)
PSoC
CORE
CPU
Core
(M 8C)
Supervisory ROM
(SROM)
Flash Nonvolatile
Memory(16 K)
Analog PSoC
Block Array
Analog
Ref
I2C
Internal
Voltage
Reference
Digital
Clocks
POR and LVD
System Resets
PSoC SYSTEM RESOURCES
2Analog Columns
IO Analog
Multiplexer
SYSTEM BUS
SC
SC
CT
SC
SC
CT
Analog
Drivers
Port 0
MACs
(2)
Decimator
(Type2)
Analog Mux Bus
Port 1
Port 2
DBB 00 DBB 01 DCB 02 DCB 03
DBB 01 DBB 11 DCB 12 DCB13
Digital PSoC Block Array
2 Digital Rows
System Bus
FN0
C1
C2
C3
C4
C5
C6
PrISM/ DMM /
PWM
Logic Core
Decoder
Analog Block
Comparator
Bank
DAC Bank
PWM Controller
Channels(LV)
Power
FETs (HV)
Hysteretic
PWM
Hysteretic
PWM
Hysteretic
PWM
Hysteretic
PWM
Gate
Driver(LV)
GDRV
GDRV
GDRV
GDRV
SW Regulator
CSA
POWER PERIPHERALS
DAC
DAC
DAC
DAC
DAC
DAC
DAC
AINX
Vref
Clock Signals
CSA
CSA
CSA
[+] Feedback


Similar Part No. - CY8CLED04G01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04G01 CYPRESS-CY8CLED04G01 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED04G01 CYPRESS-CY8CLED04G01 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED04G01-56LTXI CYPRESS-CY8CLED04G01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED04G01-56LTXI CYPRESS-CY8CLED04G01-56LTXI Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED04G01-56LTXI CYPRESS-CY8CLED04G01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
More results

Similar Description - CY8CLED04G01

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8CLED04D01_1105 CYPRESS-CY8CLED04D01_1105 Datasheet
1Mb / 55P
   PowerPSoC Intelligent LED Driver floating load buck-boost, and boost
CY8CLED04D01 CYPRESS-CY8CLED04D01_11 Datasheet
1Mb / 55P
   PowerPSoC짰 Intelligent LED Driver
CY8CLED02D01-56LTXI CYPRESS-CY8CLED02D01-56LTXI Datasheet
800Kb / 55P
   PowerPSoC짰 Intelligent LED Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
logo
List of Unclassifed Man...
BU8770FV ETC-BU8770FV Datasheet
169Kb / 2P
   Intelligent three-color LED driver
logo
Toshiba Semiconductor
TA8068F TOSHIBA-TA8068F Datasheet
178Kb / 8P
   Intelligent Stepping Motor Driver
TA8068L TOSHIBA-TA8068L Datasheet
220Kb / 6P
   INTELLIGENT STEPPING MOTOR DRIVER
logo
ATMEL Corporation
ATA6830 ATMEL-ATA6830 Datasheet
488Kb / 23P
   INTELLIGENT STEPPER MOTOR DRIVER
ATA6830 ATMEL-ATA6830_05 Datasheet
514Kb / 24P
   INTELLIGENT STEPPER MOTOR DRIVER
logo
Texas Instruments
TLC5960 TI-TLC5960 Datasheet
682Kb / 33P
[Old version datasheet]   Eight-Channel LED Driver with Intelligent Headroom Voltage Monitor (iHVM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com