Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C27643 Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY8C27643
Description  PSoC Programmable System-on-Chip
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C27643 Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY8C27643 Datasheet HTML 4Page - Cypress Semiconductor CY8C27643 Datasheet HTML 5Page - Cypress Semiconductor CY8C27643 Datasheet HTML 6Page - Cypress Semiconductor CY8C27643 Datasheet HTML 7Page - Cypress Semiconductor CY8C27643 Datasheet HTML 8Page - Cypress Semiconductor CY8C27643 Datasheet HTML 9Page - Cypress Semiconductor CY8C27643 Datasheet HTML 10Page - Cypress Semiconductor CY8C27643 Datasheet HTML 11Page - Cypress Semiconductor CY8C27643 Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
CY8C27143, CY8C27243
CY8C27443, CY8C27543, CY8C27643
Document Number: 38-12012 Rev. *M
Page 8 of 53
Pinouts
The CY8C27x43 PSoC device is available in a variety of packages which are listed and illustrated in the following tables. Every port
pin (labeled with a “P”) is capable of Digital IO. However, Vss, Vdd, SMP, and XRES are not capable of Digital IO.
8-Pin Part Pinout
20-Pin Part Pinout
Table 3. Pin Definitions - 8-Pin PDIP
Pin
No.
Type
Pin
Name
Description
Figure 3. CY8C27143 8-Pin PSoC Device
Digital
Analog
1
IO
IO
P0[5]
Analog column mux input and column output.
2
IO
IO
P0[3]
Analog column mux input and column output.
3
IO
P1[1]
Crystal Input (XTALin), I2C Serial Clock (SCL),
ISSP-SCLK*.
4
Power
Vss
Ground connection.
5
IO
P1[0]
Crystal Output (XTALout), I2C Serial Data (SDA),
ISSP-SDATA*.
6
IO
IO
P0[2]
Analog column mux input and column output.
7
IO
IO
P0[4]
Analog column mux input and column output.
8
Power
Vdd
Supply voltage.
LEGEND: A = Analog, I = Input, and O = Output.
* These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference
Manual for details.
PDIP
1
2
3
4
A, IO,P0[5]
A,IO, P0[3]
I2CSCL,XTALin,P1[1]
Vss
8
7
6
5
Vdd
P0[4], A,IO
P0[2], A,IO
P1[0],XTALout,I2CSDA
Table 4. Pin Definitions - 20-Pin SSOP, SOIC
Pin
No.
Type
Pin
Name
Description
Figure 4. CY8C27243 20-Pin PSoC Device
Digital
Analog
1
IO
I
P0[7]
Analog column mux input.
2
IO
IO
P0[5]
Analog column mux input and column output.
3
IO
IO
P0[3]
Analog column mux input and column output.
4
IO
I
P0[1]
Analog column mux input.
5
Power
SMP
Switch Mode Pump (SMP) connection to external
components required.
6
IO
P1[7]
I2C Serial Clock (SCL).
7
IO
P1[5]
I2C Serial Data (SDA).
8
IO
P1[3]
9
IO
P1[1]
Crystal Input (XTALin), I2C Serial Clock (SCL),
ISSP-SCLK*.
10
Power
Vss
Ground connection.
11
IO
P1[0]
Crystal Output (XTALout), I2C Serial Data (SDA),
ISSP-SDATA*.
12
IO
P1[2]
13
IO
P1[4]
Optional External Clock Input (EXTCLK).
14
IO
P1[6]
15
Input
XRES
Active high external reset with internal pull down.
16
IO
I
P0[0]
Analog column mux input.
17
IO
IO
P0[2]
Analog column mux input and column output.
18
IO
IO
P0[4]
Analog column mux input and column output.
19
IO
I
P0[6]
Analog column mux input.
20
Power
Vdd
Supply voltage.
LEGEND: A = Analog, I = Input, and O = Output.
* These are the ISSP pins, which are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
SSOP
SOIC
Vdd
P0[6], A,I
P0[4], A,IO
P0[2], A,IO
P0[0], A,I
XRES
P1[6]
P1[4],EXTCLK
P1[2]
P1[0],XTALout,I2CSDA
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
A, I,P0[7]
A,IO, P0[5]
A,IO, P0[3]
A,I, P0[1]
SMP
I2CSCL,P1[7]
I2CSDA,P1[5]
P1[3]
I2CSCL,XTALin,P1[1]
Vss
[+] Feedback


Similar Part No. - CY8C27643

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C27643 CYPRESS-CY8C27643 Datasheet
542Kb / 44P
   PSoC Mixed Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
809Kb / 51P
   PSoC짰 Mixed-Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
510Kb / 34P
   PSoC짰 Mixed-Signal Array
CY8C27643 CYPRESS-CY8C27643 Datasheet
1Mb / 63P
   PSoC짰 Programmable System-on-Chip?
CY8C27643 CYPRESS-CY8C27643 Datasheet
1Mb / 64P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C27643

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
CY8C38 CYPRESS-CY8C38 Datasheet
3Mb / 100P
   Programmable System-on-Chip (PSoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com