Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008IDC-1.5TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LT3008IDC-1.5TRPBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008IDC-1.5TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LT3008IDC-1.5TRPBF Datasheet HTML 6Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 7Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 8Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 9Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 10Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 11Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 12Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 13Page - Linear Technology LT3008IDC-1.5TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT3008 Series
10
3008fa
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Transient Response
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3008 G31
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 2.2μF
Transient Response
500μs/DIV
VOUT
50mV/DIV
IOUT
20mA/DIV
3008 G32
IOUT = 1mA TO 20mA
VIN = 5.5V
VOUT = 5V
COUT = 10μF
Transient Response (Load Dump)
1ms/DIV
VOUT
50mV/DIV
45V
12V
VIN
10V/DIV
3008 G33
VOUT = 5V
IOUT = 20mA
COUT = 4.7μF
Load Regulation
Output Noise Spectral Density
FREQUENCY (Hz)
0.1
1
100
10
3008 G29
10
100
1k
10k
100k
5V
3.3V
2.5V
1.8V
1.5V
1V
0.6V
COUT = 2.2μF
ILOAD = 20mA
0
0.5
2
2.5
1.5
1
3
3.5
4
4.5
5
3008 G28
TEMPERATURE (°C)
–50
0
75
–25
25
150
50
100 125
IL = 1μA to 20mA
VOUT = 600mV
VIN = 2V
RMS Output Noise
vs Load Current
ILOAD (mA)
0.001
350
450
400
500
10
3008 G30
300
250
0.01
0.1
1
100
200
100
150
50
0
3.3V
2.5V
1.8V
1.2V
0.6V
1.5V
5V
COUT = 10μF


Similar Part No. - LT3008IDC-1.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008IDC-PBF LINER-LT3008IDC-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TR LINER-LT3008IDC-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TRPBF LINER-LT3008IDC-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008IDC-1.5TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com