Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20234-12LKXI Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY8C20234-12LKXI
Description  PSoC Programmable System-0n-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234-12LKXI Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY8C20234-12LKXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
CY8C20234, CY8C20334
CY8C20434, CY8C20534
Document Number: 001-05356 Rev. *H
Page 3 of 34
Additional System Resources
System Resources provide additional capability useful to
complete systems. Additional resources include low voltage
detection and power on reset. Brief statements describing the
merits of each system resource are presented below.
The I2C slave or SPI master-slave module provides 50/100/400
kHz communication over two wires. SPI communication over
three or four wires run at speeds of 46.9 kHz to 3 MHz (lower
for a slower system clock).
Low Voltage Detection (LVD) interrupts signal the application
of falling voltage levels, while the advanced POR (Power On
Reset) circuit eliminates the need for a system supervisor.
An internal 1.8V reference provides an absolute reference for
capacitive sensing.
The 5V maximum input, 3V fixed output, low dropout regulator
(LDO) provides regulation for I/Os. A register controlled bypass
mode enables the user to disable the LDO.
Getting Started
The quickest way to understand PSoC silicon is to read this data
sheet and then use the PSoC Designer Integrated Development
Environment (IDE). This data sheet is an overview of the PSoC
integrated circuit and presents specific pin, register, and
electrical specifications.
For in depth information, along with detailed programming infor-
mation, see the PSoC® Programmable System-on-Chip
Technical Reference Manual for CY8C28xxx PSoC devices.
For up-to-date ordering, packaging, and electrical specification
information, see the latest PSoC device data sheets on the web
at www.cypress.com/psoc.
Application Notes
Application notes are an excellent introduction to the wide variety
of
possible
PSoC
designs.
They
are
located
here:
www.cypress.com/psoc. Select Application Notes under the
Documentation tab.
Development Kits
PSoC Development Kits are available online from Cypress at
www.cypress.com/shop and through a growing number of
regional and global distributors, which include Arrow, Avnet,
Digi-Key, Farnell, Future Electronics, and Newark.
Training
Free PSoC technical training (on demand, webinars, and
workshops) is available online at www.cypress.com/training. The
training covers a wide variety of topics and skill levels to assist
you in your designs.
Cypros Consultants
Certified PSoC Consultants offer everything from technical
assistance to completed PSoC designs. To contact or become a
PSoC Consultant go to www.cypress.com/cypros.
Solutions Library
Visit our growing library of solution focused designs at
www.cypress.com/solutions. Here you can find various appli-
cation designs that include firmware and hardware design files
that enable you to complete your designs quickly.
Technical Support
For assistance with technical issues, search KnowledgeBase
articles and forums at www.cypress.com/support. If you cannot
find an answer to your question, call technical support at
1-800-541-4736.
[+] Feedback


Similar Part No. - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com