Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20234-12LKXI Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY8C20234-12LKXI
Description  PSoC Programmable System-0n-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20234-12LKXI Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY8C20234-12LKXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 9Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 10Page - Cypress Semiconductor CY8C20234-12LKXI Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
CY8C20234, CY8C20334
CY8C20434, CY8C20534
Document Number: 001-05356 Rev. *H
Page 7 of 34
Pin Information
This section describes, lists, and illustrates the CY8C20234, CY8C20334, CY8C20434, and CY8C20534 PSoC device pins and pinout
configurations.
The CY8C20x34 PSoC device is available in a variety of packages that are listed and shown in the following tables. Every port pin
(labeled with a “P”) is capable of Digital I/O and connection to the common analog bus. However, Vss, Vdd, and XRES are not capable
of Digital I/O.
16-Pin Part Pinout
Figure 2. CY8C20234 16-Pin PSoC Device
Table 2. Pin Definitions - CY8C20234 16-Pin (QFN)
Pin No.
Type
Name
Description
Digital
Analog
1
I/O
I
P2[5]
2
I/O
I
P2[1]
3
IOH
I
P1[7]
I2C SCL, SPI SS
4
IOH
I
P1[5]
I2C SDA, SPI MISO
5
IOH
I
P1[3]
SPI CLK
6
IOH
I
P1[1]
CLK[1], I2C SCL, SPI MOSI
7
Power
Vss
Ground Connection
8
IOH
I
P1[0]
DATA[1], I2C SDA
9
IOH
I
P1[2]
10
IOH
I
P1[4]
Optional External Clock Input (EXTCLK)
11
Input
XRES
Active High External Reset with Internal Pull Down
12
I/O
I
P0[4]
13
Power
Vdd
Supply Voltage
14
I/O
I
P0[7]
15
I/O
I
P0[3]
Integrating Input
16
I/O
I
P0[1]
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
QFN
(Top View)
AI, P2[5]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
1
2
3
4
11
10
9
P0[4], AI
P1[2], AI
AI, P2[1]
P1[4], AI, EXTCLK
XRES
12
Note
1. These are the ISSP pins, that are not High Z at POR (Power On Reset). See the PSoC Programmable System-on-Chip Technical Reference Manual for details.
[+] Feedback


Similar Part No. - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 34P
   PSoC짰 Mixed-Signal Array
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXI CYPRESS-CY8C20234-12LKXI Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
CY8C20234-12LKXIT CYPRESS-CY8C20234-12LKXIT Datasheet
1Mb / 47P
   PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20234-12LKXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com