Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20324 Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY8C20324
Description  CapSense PSoC Programmable System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20324 Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY8C20324 Datasheet HTML 7Page - Cypress Semiconductor CY8C20324 Datasheet HTML 8Page - Cypress Semiconductor CY8C20324 Datasheet HTML 9Page - Cypress Semiconductor CY8C20324 Datasheet HTML 10Page - Cypress Semiconductor CY8C20324 Datasheet HTML 11Page - Cypress Semiconductor CY8C20324 Datasheet HTML 12Page - Cypress Semiconductor CY8C20324 Datasheet HTML 13Page - Cypress Semiconductor CY8C20324 Datasheet HTML 14Page - Cypress Semiconductor CY8C20324 Datasheet HTML 15Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
CY8C20224, CY8C20324
CY8C20424, CY8C20524
Document Number: 001-41947 Rev. *D
Page 11 of 34
48-Pin OCD Part Pinout
The 48-Pin QFN part table and pin diagram is for the CY8C20024 On-Chip Debug (OCD) PSoC device. This part is only used for
in-circuit debugging. It is NOT available for production.
Figure 7. CY8C20024 OCD PSoC Device
26
IO
I
P0[4]
27
IO
I
P0[6]
28
Power
Vdd
Supply voltage
29
IO
I
P0[7]
30
IO
I
P0[5]
31
IO
I
P0[3]
Integrating input
32
Power
Vss
Ground connection
CP
Power
Vss
Center pad is connected to ground
A = Analog, I = Input, O = Output, OH = 5 mA High Output Drive
Table 5. 32-Pin Part Pinout (QFN [2]) (continued)
Pin No.
Digital
Analog
Name
Description
OCD
QFN
(Top View)
10
11
12
NC
AI, P0[1]
AI, P2[7]
AI, P2[5]
AI, P2[3]
AI, P2[1]
AI, P3[3]
AI, P3[1]
AI, I2C SCL, SPI SS, P1[7]
AI, I2C SDA, SPI MISO, P1[5]
NC
NC
35
34
33
32
31
30
29
28
27
26
25
36
P0[2], AI
P0[0], AI
P2[6], AI
P2[4], AI
P2[2], AI
P2[0], AI
P3[2], AI
P3[0], AI
XRES
P1[6], AI
P1[4], EXTCLK, AI
P0[4], AI
1
2
3
4
5
6
7
8
9
Table 6. 48-Pin OCD Part Pinout (QFN [2])
Pin No.
Digital
Analog
Name
Description
1
NC
No connection
2
IO
I
P0[1]
Integrating Input
3
IO
I
P2[7]
4
IO
I
P2[5]
5
IO
I
P2[3]
6
IO
I
P2[1]
7
IO
I
P3[3]
8
IO
I
P3[1]
9
IOH
I
P1[7]
I2C SCL, SPI SS
[+] Feedback


Similar Part No. - CY8C20324

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20324 CYPRESS-CY8C20324 Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXI CYPRESS-CY8C20324-12LQXI Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXI CYPRESS-CY8C20324-12LQXI Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXIT CYPRESS-CY8C20324-12LQXIT Datasheet
1Mb / 40P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
CY8C20324-12LQXIT CYPRESS-CY8C20324-12LQXIT Datasheet
678Kb / 41P
   CapSense짰 PSoC짰 Programmable System-on-Chip?
More results

Similar Description - CY8C20324

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C21345 CYPRESS-CY8C21345_11 Datasheet
945Kb / 35P
   PSoC Programmable System-on-Chip
CY8C29466 CYPRESS-CY8C29466_09 Datasheet
1Mb / 46P
   PSoC Programmable System-on-Chip
CY8C27143 CYPRESS-CY8C27143_09 Datasheet
1Mb / 53P
   PSoC Programmable System-on-Chip
CY8C34 CYPRESS-CY8C34 Datasheet
3Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C52 CYPRESS-CY8C52 Datasheet
2Mb / 85P
   Programmable System-on-Chip (PSoC)
PSOC4100S CYPRESS-PSOC4100S Datasheet
733Kb / 42P
   Programmable System-on-Chip (PSoC)
CY8C21123 CYPRESS-CY8C21123_09 Datasheet
968Kb / 36P
   PSoC Programmable System-on-Chip
CY8C36 CYPRESS-CY8C36 Datasheet
2Mb / 99P
   Programmable System-on-Chip (PSoC)
CY8C54 CYPRESS-CY8C54 Datasheet
2Mb / 93P
   Programmable System-on-Chip (PSoC)
CY8C28243 CYPRESS-CY8C28243_11 Datasheet
2Mb / 78P
   PSoC Programmable System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com