Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3008IDC-1.8PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LT3008IDC-1.8PBF
Description  3關A IQ, 20mA, 45V Low Dropout Linear Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3008IDC-1.8PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LT3008IDC-1.8PBF Datasheet HTML 7Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 8Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 9Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 10Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 11Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 12Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 13Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 14Page - Linear Technology LT3008IDC-1.8PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LT3008 Series
11
3008fa
PIN FUNCTIONS
SHDN (Pin 1/Pin 5): Shutdown. Pulling the SHDN pin
low puts the LT3008 into a low power state and turns the
output off. If unused, tie the SHDN pin to VIN. The LT3008
does not function if the SHDN pin is not connected. The
SHDN pin cannot be driven below GND unless tied to the
IN pin. If the SHDN pin is driven below GND while IN is
powered, the output will turn on. SHDN pin logic cannot
be referenced to a negative rail.
GND (Pins 2, 3, 4/Pin 6): Ground. Connect the bottom
of the resistor divider that sets output voltage directly to
GND for the best regulation.
IN (Pin 5/Pin 4): Input. The IN pin supplies power to the
device. The LT3008 requires a bypass capacitor at IN if
the device is more than six inches away from the main
input filter capacitor. In general, the output impedance of
a battery rises with frequency, so it is advisable to include
a bypass capacitor in battery-powered circuits. A bypass
capacitor in the range of 0.1μF to 10μF will suffice. The
LT3008 withstands reverse voltages on the IN pin with re-
spect to ground and the OUT pin. In the case of a reversed
input, which occurs with a battery plugged in backwards,
the LT3008 acts as if a blocking diode is in series with its
input. No reverse current flows into the LT3008 and no
reverse voltage appears at the load. The device protects
both itself and the load.
OUT (Pin 6/Pins 2, 3): Output. This pin supplies power
to the load. Use a minimum output capacitor of 2.2μF
to prevent oscillations. Large load transient applications
require larger output capacitors to limit peak voltage tran-
sients. See the Applications Information section for more
information on output capacitance and reverse-output
characteristics.
ADJ (Pin 7/Pin 1): Adjust. This pin is the error amplifier’s
inverting terminal. Its 400pA typical input bias current
flows out of the pin (see curve of ADJ Pin Bias Current vs
Temperature in the Typical Performance Characteristics
section). The ADJ pin voltage is 600mV referenced to GND
and the output voltage range is 600mV to 44.5V.
NC (Pin 8, TSOT-23 Package Only): No Connect. Pin 8
is an NC pin in the TSOT-23 package. This pin is not tied
to any internal circuitry. It may be floated, tied to VIN or
tied to GND.
Exposed Pad (Pin 7, DFN Package Only): Ground. The
Exposed Pad (backside) of the DFN package is an electri-
cal connection to GND. To ensure optimum performance,
solder Pin 7 to the PCB and tie directly to Pin 6.
SENSE (Pin 7/Pin 1): Sense. For fixed voltage versions
of the LT3008 (LT3008-1.2, LT3008-1.5, LT3008-1.8,
LT3008-2.5, LT3008-3.3, LT3008-5), the SENSE pin is
the input to the error amplifier. Optimum regulation is
obtained at the point where the SENSE pin is connected
to the OUT pin of the regulator. In critical applications,
small voltage drops are caused by the resistance (RP) of
PC traces between the regulator and the load. These may
be eliminated by connecting the SENSE pin to the output
at the load as shown in Figure 1 (Kelvin Sense Connec-
tion). Note that the voltage drop across the external PC
traces add to the dropout voltage of the regulator. The
SENSE pin bias current is 1μA at the nominal rated out-
put voltage. The SENSE pin can be pulled below ground
(as in a dual supply system where the regulator load is
returned to a negative supply) and still allow the device
to start and operate.
(TSOT-23/DFN)
IN
SHDN
3008 F01
RP
OUT
VIN
SENSE
GND
LT3008
RP
+
+
LOAD
Figure 1. Kelvin Sense Connection


Similar Part No. - LT3008IDC-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008IDC-PBF LINER-LT3008IDC-PBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TR LINER-LT3008IDC-TR Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3008IDC-TRPBF LINER-LT3008IDC-TRPBF Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
More results

Similar Description - LT3008IDC-1.8PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3008 LINER-LT3008_12 Datasheet
237Kb / 20P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3009 LINER-LT3009 Datasheet
224Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3009 LINER-LT3009_12 Datasheet
263Kb / 20P
   3關A IQ, 20mA Low Dropout Linear Regulators
LT3008 LINER-LT3008 Datasheet
195Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Linear Regulator
LT3007 LINER-LT3007 Datasheet
433Kb / 16P
   3關A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators Output Current: 20mA
LT3008 LINER-LT3008_15 Datasheet
242Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Linear Regulators
LT3007 LINER-LT3007_15 Datasheet
341Kb / 20P
   3A IQ, 20mA, 45V Low Dropout Fault Tolerant Linear Regulators
LT3009 LINER-LT3009_15 Datasheet
268Kb / 20P
   3A IQ, 20mA Low Dropout Linear Regulators
logo
Maxim Integrated Produc...
MAX1725 MAXIM-MAX1725 Datasheet
152Kb / 7P
   12V, Ultra-Low IQ, Low-Dropout Linear Regulators
19-1680; Rev 1; 2/03
MAX8880 MAXIM-MAX8880 Datasheet
228Kb / 8P
   12V, Ultra-Low-IQ, Low-Dropout Linear Regulators with POK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com