Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C2576KV18-400BZC Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C2576KV18-400BZC
Description  72-Mbit QDR-II SRAM 4-Word Burst Architecture
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C2576KV18-400BZC Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C2576KV18-400BZC Datasheet HTML 5Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 6Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 7Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 8Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 9Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 10Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 11Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 12Page - Cypress Semiconductor CY7C2576KV18-400BZC Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
PRELIMINARY
CY7C2561KV18, CY7C2576KV18
CY7C2563KV18, CY7C2565KV18
Document Number: 001-15887 Rev. *E
Page 9 of 29
Read access and write access must be scheduled such that one
transaction is initiated on any clock cycle. If both ports are
selected on the same K clock rise, the arbitration depends on the
previous state of the SRAM. If both ports are deselected, the
read port takes priority. If a read was initiated on the previous
cycle, the write port takes priority (as read operations can not be
initiated on consecutive cycles). If a write was initiated on the
previous cycle, the read port takes priority (as write operations
can not be initiated on consecutive cycles). Therefore, asserting
both port selects active from a deselected state results in alter-
nating read or write operations being initiated, with the first
access being a read.
Depth Expansion
The CY7C2563KV18 has a port select input for each port. This
enables for easy depth expansion. Both port selects are sampled
on the rising edge of the positive input clock only (K). Each port
select input can deselect the specified port. Deselecting a port
does not affect the other port. All pending transactions (read and
write) are completed before the device is deselected.
Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin
on the SRAM and VSS to allow the SRAM to adjust its output
driver impedance. The value of RQ must be 5X the value of the
intended line impedance driven by the SRAM, the allowable
range of RQ to guarantee impedance matching with a tolerance
of ±15% is between 175
Ω and 350Ω, with VDDQ =1.5V. The
output impedance is adjusted every 1024 cycles upon power up
to account for drifts in supply voltage and temperature.
Echo Clocks
Echo clocks are provided on the QDR-II+ to simplify data capture
on high-speed systems. Two echo clocks are generated by the
QDR-II+. CQ is referenced with respect to K and CQ is refer-
enced with respect to K. These are free-running clocks and are
synchronized to the input clock of the QDR-II+. The timing for the
echo clocks is shown in the Switching Characteristics on page
24.
Valid Data Indicator (QVLD)
QVLD is provided on the QDR-II+ to simplify data capture on high
speed systems. The QVLD is generated by the QDR-II+ device
along with data output. This signal is also edge-aligned with the
echo clock and follows the timing of any data pin. This signal is
asserted half a cycle before valid data arrives.
On-Die Termination (ODT)
These devices have an On-Die Termination feature for Data
inputs (D[x:0]), Byte Write Selects (BWS[x:0]), and Input Clocks (K
and K). The termination resistors are integrated within the chip.
The ODT range selection is enabled through ball R6 (ODT pin).
The ODT termination tracks value of RQ where RQ is the resistor
tied to the ZQ pin. ODT range selection is made during power up
initialization. A LOW on this pin selects a low range that follows
RQ/3.33 for 175
Ω < RQ < 350Ω (where RQ is the resistor tied to
ZQ pin)
. A HIGH on this pin selects a high range that follows
RQ/1.66 for 175
Ω < RQ < 250Ω (where RQ is the resistor tied to
ZQ pin). When left floating, a high range termination value is
selected by default. For a detailed description on the ODT imple-
mentation, refer to the application note, On-Die Termination for
QDRII+/DDRII+ SRAMs.
PLL
These chips use a PLL that is designed to function between 120
MHz and the specified maximum clock frequency. During power
up, when the DOFF is tied HIGH, the PLL is locked after 20
μs
of stable clock. The PLL can also be reset by slowing or stopping
the input clocks K and K for a minimum of 30 ns. However, it is
not necessary to reset the PLL to lock to the desired frequency.
The PLL automatically locks 20
μs after a stable clock is
presented. The PLL may be disabled by applying ground to the
DOFF pin. When the PLL is turned off, the device behaves in
QDR-I mode (with one cycle latency and a longer access time).
For information, refer to the application note, PLL Considerations
in QDRII/DDRII/QDRII+/DDRII+.
[+] Feedback


Similar Part No. - CY7C2576KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C25702KV18-400BZC CYPRESS-CY7C25702KV18-400BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-450BZC CYPRESS-CY7C25702KV18-450BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-500BZC CYPRESS-CY7C25702KV18-500BZC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-500BZXC CYPRESS-CY7C25702KV18-500BZXC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C25702KV18-550BZXC CYPRESS-CY7C25702KV18-550BZXC Datasheet
865Kb / 29P
   72-Mbit DDR II SRAM Two-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
More results

Similar Description - CY7C2576KV18-400BZC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1511KV18 CYPRESS-CY7C1511KV18_09 Datasheet
837Kb / 31P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1561KV18 CYPRESS-CY7C1561KV18 Datasheet
833Kb / 28P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18 Datasheet
381Kb / 23P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1511JV18 CYPRESS-CY7C1511JV18 Datasheet
703Kb / 29P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511KV18 CYPRESS-CY7C1511KV18_11 Datasheet
807Kb / 33P
   72-Mbit QDR II SRAM 4-Word Burst Architecture
CY7C1511AV18 CYPRESS-CY7C1511AV18 Datasheet
709Kb / 31P
   72-Mbit QDR??II SRAM 4-Word Burst Architecture
CY7C1513KV18 CYPRESS-CY7C1513KV18 Datasheet
831Kb / 31P
   72-Mbit QDR-II SRAM 4-Word Burst Architecture
CY7C1511V18 CYPRESS-CY7C1511V18_06 Datasheet
464Kb / 28P
   72-Mbit QDR?? II SRAM 4-Word Burst Architecture
CY7C1510KV18 CYPRESS-CY7C1510KV18_09 Datasheet
836Kb / 30P
   72-Mbit QDR-II SRAM 2-Word Burst Architecture
CY7C1510JV18 CYPRESS-CY7C1510JV18_09 Datasheet
654Kb / 26P
   72-Mbit QDR??II SRAM 2-Word Burst Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com