Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20180-LDX2I Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY8C20180-LDX2I
Description  CapSense Express-8 Configurable IOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20180-LDX2I Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY8C20180-LDX2I Datasheet HTML 1Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 2Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 3Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 4Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 5Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 6Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 7Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 8Page - Cypress Semiconductor CY8C20180-LDX2I Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CY8C20180
Document Number: 001-17346 Rev. *F
Page 2 of 16
Logic Block Diagram
(Internal Main Oscillator)
Clock Sources
SYSTEM BUS
Configuration and
Control Engine
2 KB Flash
8 Configurable IOs
External VCC
2.40V to 2.90V, 3.10V to
3.60V, 4.75V to 5.25V
CapSense Express
TM
Core
Interrupt
Controller
512B SRAM
CapSense
Block
I2C Slave
System
Reset
POR/LVD
SYSTEM BUS
Sleep and
Watchdog
Voltage &
Current
Reference
[+] Feedback


Similar Part No. - CY8C20180-LDX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
More results

Similar Description - CY8C20180-LDX2I

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20180 CYPRESS-CY8C20180 Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142_09 Datasheet
346Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C201A0 CYPRESS-CY8C201A0 Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0 CYPRESS-CY8C201A0_09 Datasheet
388Kb / 16P
   CapSense Express-10 Configurable IOs with Slider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com