Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20180 Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY8C20180
Description  CapSense Express-8 Configurable IOs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20180 Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY8C20180_09 Datasheet HTML 2Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 3Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 4Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 5Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 6Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 7Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 8Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 9Page - Cypress Semiconductor CY8C20180_09 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
CY8C20180
Document Number: 001-17346 Rev. *F
Page 6 of 16
Modes of Operation
CapSense Express devices are configured to operate in any of
the following three modes to meet different power consumption
requirements:
Active Mode
Sleep Mode
Deep Sleep Mode
Active Mode
In the active mode, all the device blocks including the CapSense
sub system are powered. Typical active current consumption of
the device across the operating voltage range is 1.5 mA.
Sleep Mode
Sleep mode provides an intermediate power operation mode. It
is enabled by configuring the corresponding device register.
When enabled, the device enters sleep mode and wakes up after
a specified sleep interval. It scans the capacitive sensors before
going back to sleep again. The device can also wake up from
sleep mode with a GPIO interrupt. The following sleep intervals
are supported in CapSense Express. The sleep interval is
configured through registers.
1.95 ms (512 Hz)
15.6 ms (64 Hz)
125 ms (8 Hz)
1s (1 Hz)
Deep Sleep Mode
Deep sleep mode provides the lowest power consumption
because there is no operation running. In this mode, the device
is woken up only using an external GPIO interrupt. A sleep timer
interrupt cannot wake up a device from deep sleep mode. This
can be treated as a continuous sleep mode without periodic
wakeups. Refer to the application note “CapSense Express
Power and Sleep Considerations - AN44209” for details on
different sleep modes.
Bi-Directional Sleep Control Pin
The CY8C20180 requires a dedicated sleep control pin to allow
reliable I2C communication in case any sleep mode is enabled.
This is achieved by pulling the sleep control pin LOW to wake up
the device and start I2C communication. The sleep control pin
can be configured on any of the GPIO. If sleep control feature is
enabled, the device has one less GPIO available for CapSense
and GPIO functions. The sleep control pin can also be
configured as interrupt output pin from CY8C20180 to the host
to acknowledge finger press on any button. To enable bi-direc-
tional feature, user must use I2C-USB bridge program.
[+] Feedback


Similar Part No. - CY8C20180_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20180-LDX2I CYPRESS-CY8C20180-LDX2I Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20180-SX2I CYPRESS-CY8C20180-SX2I Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20180-SX2I CYPRESS-CY8C20180-SX2I Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
More results

Similar Description - CY8C20180_09

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20180 CYPRESS-CY8C20180 Datasheet
333Kb / 12P
   CapSense Express??-8 Configurable IOs
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142_09 Datasheet
346Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C201A0 CYPRESS-CY8C201A0 Datasheet
333Kb / 12P
   CapSense Express??-10 Configurable IOs with Slider
CY8C201A0 CYPRESS-CY8C201A0_09 Datasheet
388Kb / 16P
   CapSense Express-10 Configurable IOs with Slider
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com