Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20111 Datasheet(PDF) 14 Page - Cypress Semiconductor

Part # CY8C20111
Description  CapSense Express-One Button and Two Button Capacitive Controllers
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20111 Datasheet(HTML) 14 Page - Cypress Semiconductor

Back Button CY8C20111 Datasheet HTML 10Page - Cypress Semiconductor CY8C20111 Datasheet HTML 11Page - Cypress Semiconductor CY8C20111 Datasheet HTML 12Page - Cypress Semiconductor CY8C20111 Datasheet HTML 13Page - Cypress Semiconductor CY8C20111 Datasheet HTML 14Page - Cypress Semiconductor CY8C20111 Datasheet HTML 15Page - Cypress Semiconductor CY8C20111 Datasheet HTML 16Page - Cypress Semiconductor CY8C20111 Datasheet HTML 17Page - Cypress Semiconductor CY8C20111 Datasheet HTML 18Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
PRELIMINARY
CY8C20111, CY8C20121
Document Number: 001-53516 Rev. **
Page 14 of 34
7.10 CS_OTH_SET
CapSense Clock Select, Sensor Auto Reset Register
CS_OTH_SET: 51h
(Writable only in Setup mode)
The registers set the CapSense module frequency of operation and enables or disables the sensor auto reset.
CS_CLK bits provides option to select variable clock input for the CapSense block. A sensor design having higher paratactic requires
lower clock for better performance and vice versa.
Sensor Auto Reset determines whether the baseline is updated at all times or only when the signal difference is below the noise
threshold. When set to ‘1’ (enabled), the baseline is updated constantly. This setting limits the maximum time duration of the sensor,
but it prevents the sensors from permanently turning on when the raw count suddenly rises without anything touching the sensor. This
sudden rise can be caused by a large power supply voltage fluctuation, a high energy RF noise source, or a very quick temperature
change. When the parameter is set to ‘0’ (disabled), the baseline is updated only when raw count and baseline difference is below
the noise threshold parameter. This parameter may be enabled unless there is a demand to keep the sensors in the on state for a
long time. This parameter is common for all sensors.
7.11 CS_HYSTERISIS
Hysteresis Register
CS_HYSTERISIS: 52h
The Hysteresis parameter adds to or subtracts from the finger threshold depending on whether the sensor is currently active or
inactive. If the sensor is off, the difference count must overcome the ‘finger threshold + hysteresis’. If the sensor is on, the difference
count must go below the ‘finger threshold – hysteresis’. It is used to add debouncing and “stickiness” to the finger detection algorithm.
This parameter is common for all sensors.
Possible values are 0 to 255. However, the setting must be lower than the finger threshold parameter setting. Recommended value
for hysteresis is 15 percent of finger threshold.
1/2 Button
7654321
0
Access: FD
RW: 00
RW: 0
Bit Name
CS_CLK[1:0]
Sns_Ar
Bit
Name
Description
6:5
CS_CLK[1:0]
These bits selects the CapSense clock.
3
Sns_Ar
This bit is used to enable or disable sensor auto reset.
0
1
Disable Sensor auto reset
Enable Sensor auto reset
CS_CLK[1:0]
Frequency of Operation
00
IMO
01
IMO/2
10
IMO/4
11
IMO/8
1/2 Button
7654321
0
Access: FD
RW:0A
Bit Name
HYS[7:0]
Bit
Name
Description
7:0
HYS [7:0]
These bits are used to set the hysteresis value.
[+] Feedback


Similar Part No. - CY8C20111

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111 Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20111-SX1I CYPRESS-CY8C20111-SX1I Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20111-SX1I CYPRESS-CY8C20111-SX1I Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20111-SX1IT CYPRESS-CY8C20111-SX1IT Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20111-SX1IT CYPRESS-CY8C20111-SX1IT Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
More results

Similar Description - CY8C20111

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20111 CYPRESS-CY8C20111_11 Datasheet
948Kb / 43P
   CapSense Express ??One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_09 Datasheet
1Mb / 29P
   CapSense Express Button Capacitive Controllers
CY8C20111 CYPRESS-CY8C20111_12 Datasheet
1Mb / 44P
   CapSense짰 Express????One Button and Two Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_12 Datasheet
1Mb / 43P
   CapSense짰 Express??Button Capacitive Controllers
CY8C20110 CYPRESS-CY8C20110_13 Datasheet
1Mb / 46P
   CapSense짰 Express??Button Capacitive Controllers
CY8CMBR2044 CYPRESS-CY8CMBR2044 Datasheet
1Mb / 26P
   Capacitive Button Controllers
CY8C201A0 CYPRESS-CY8C201A0_12 Datasheet
1Mb / 38P
   CapSense짰 Express??Slider Capacitive Controllers
logo
List of Unclassifed Man...
MLX90720 ETC1-MLX90720 Datasheet
151Kb / 12P
   One Button Timer
logo
Semtech Corporation
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
   Low Power, Capacitive Button Touch and Proximity Controller
SX8639 SEMTECH-SX8639 Datasheet
1Mb / 81P
   Low Power, Capacitive Button and Wheel Touch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com