Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY8C20436-24LQXI Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY8C20436-24LQXI
Description  CapSense Applications
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C20436-24LQXI Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY8C20436-24LQXI Datasheet HTML 1Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 2Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 3Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 4Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 5Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 6Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 7Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 8Page - Cypress Semiconductor CY8C20436-24LQXI Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
CapSense® Applications
CY8C20X36/46/66/96
Cypress Semiconductor Corporation
198 Champion Court
San Jose
, CA 95134-1709
408-943-2600
Document Number: 001-12696 Rev. *E
Revised April 24, 2009
Features
1.71V to 5.5V Operating Range
Low Power CapSense™ Block
Configurable Capacitive Sensing Elements
Supports Combination of CapSense Buttons, Sliders, Touch-
pads, Touch Screens, and Proximity Sensor
Powerful Harvard Architecture Processor
M8C Processor Speeds Running to 24 MHz
Low Power at High Speed
Interrupt Controller
Temperature Range: -40°C to +85°C
Flexible On-Chip Memory
Three Program/Data Storage Size Options:
• CY8C20x36: 8K Flash / 1K SRAM
• CY8C20x46, CY8C20x96: 16K Flash / 2K SRAM
• CY8C20x66: 32K Flash / 2K SRAM
50,000 Flash Erase/Write Cycles
Partial Flash Updates
Flexible Protection Modes
In-System Serial Programming (ISSP)
Full Speed USB
Available on CY8C20646, CY8C20666, CY8C20x96 Only
12 Mbps USB 2.0 Compliant
Eight Unidirectional Endpoints
One Bidirectional Control Endpoint
Dedicated 512 Byte Buffer
Internally Regulated at 3.3V
Precision, Programmable Clocking
Internal Main Oscillator: 6/12/24 MHz ± 5%
Internal Low Speed Oscillator at 32 kHz for Watchdog and
Sleep Timers
Precision 32 kHz Oscillator for Optional External Crystal
0.25% Accuracy for USB with No External Components
(CY8C20646, CY8C20666, CY8C20x96 only)
Programmable Pin Configurations
Up to 36 GPIO (Depending on Package)
Dual Mode GPIO: All GPIO Support Digital I/O and Analog
Input
25 mA Sink Current on All GPIO
Pull up, High Z, Open Drain Modes on All GPIO
CMOS Drive Mode (5 mA Source Current) on Ports 0 and 1:
• 20 mA (at 3.0V) Total Source Current on Port 0
• 20 mA (at 3.0V) Total Source Current on Port 1
Selectable, Regulated Digital I/O on Port 1
Configurable Input Threshold on Port 1
Hot Swap Capability on all Port 1 GPIO
Versatile Analog Mux
Common Internal Analog Bus
Simultaneous Connection of I/O
High PSRR Comparator
Low Dropout Voltage Regulator for All Analog Resources
Additional System Resources
I2C Slave:
• Selectable to 50 kHz, 100 kHz, or 400 kHz
• No Clock Stretching Required (under most conditions)
• Implementation During Sleep Modes with Less Than
100 µA
• Hardware Address Validation
SPI™ Master and Slave: Configurable 46.9 kHz to 12 MHz
Three 16-Bit Timers
Watchdog and Sleep Timers
Internal Voltage Reference
Integrated Supervisory Circuit
8-bit Delta-Sigma Analog-to-Digital Converter
Two General Purpose High Speed, Low Power Analog Com-
parators
Complete Development Tools
Free Development Tool (PSoC Designer™)
Full Featured, In-Circuit Emulator and Programmer
Full Speed Emulation
Complex Breakpoint Structure
128K Trace Memory
Package Options
CY8C20x36:
• 16-Pin 3 x 3 x 0.6 mm QFN
• 24-Pin 4 x 4 x 0.6 mm QFN
• 32-Pin 5 x 5 x 0.6 mm QFN
• 48-Pin SSOP
• 48-Pin 7 x 7 x 1.0 mm QFN
CY8C20x46:
• 16-Pin 3 x 3 x 0.6 mm QFN
• 24-Pin 4 x 4 x 0.6 mm QFN
• 32-Pin 5 x 5 x 0.6 mm QFN
• 48-Pin SSOP
• 48-Pin 7 x 7 x 1.0 mm QFN (with USB)
CY8C20x96:
• 24-Pin 4 x 4 x 0.6 mm QFN (with USB)
• 32-Pin 5 x 5 x 0.6 mm QFN (with USB)
CY8C20x66:
• 32-Pin 5 x 5 x 0.6 mm QFN
• 48-Pin 7 x 7 x 1.0 mm QFN (with USB)
• 48-Pin SSOP
[+] Feedback


Similar Part No. - CY8C20436-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20436-24LQXI CYPRESS-CY8C20436-24LQXI Datasheet
1Mb / 39P
   CapSense Applications
CY8C20436-24LQXIT CYPRESS-CY8C20436-24LQXIT Datasheet
1Mb / 39P
   CapSense Applications
More results

Similar Description - CY8C20436-24LQXI

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY8C20X36A CYPRESS-CY8C20X36A Datasheet
922Kb / 38P
   CapSense Applications
CY8C20X66 CYPRESS-CY8C20X66 Datasheet
664Kb / 34P
   CapSense??Applications
CY8C20X36 CYPRESS-CY8C20X36_09 Datasheet
1Mb / 39P
   CapSense Applications
CY8C20X36A CYPRESS-CY8C20X36A_10 Datasheet
1Mb / 43P
   CapSense Applications Operating Range: 1.71 V to 5.5 V
CY8C20140 CYPRESS-CY8C20140_09 Datasheet
389Kb / 15P
   CapSense Express-4 Configurable IOs
CY8C20110 CYPRESS-CY8C20110_08 Datasheet
336Kb / 12P
   CapSense Express??10 Configurable IOs
CY8C20160 CYPRESS-CY8C20160 Datasheet
334Kb / 12P
   CapSense Express ??6 Configurable IOs
CY8C20160 CYPRESS-CY8C20160_09 Datasheet
386Kb / 15P
   CapSense Express-6 Configurable IOs
CY8C20140 CYPRESS-CY8C20140 Datasheet
336Kb / 13P
   CapSense Express??- 4 Configurable IOs
CY8C20142 CYPRESS-CY8C20142 Datasheet
278Kb / 10P
   CapSense Express??- 4 Configurable IOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com